Electronic Components Datasheet Search
  English  ▼

X  

ADP3293 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ADP3293
Description  8-Bit, Programmable 2- to 3-Phase Synchronous Buck Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3293 Datasheet(HTML) 1 Page - ON Semiconductor

  ADP3293 Datasheet HTML 1Page - ON Semiconductor ADP3293 Datasheet HTML 2Page - ON Semiconductor ADP3293 Datasheet HTML 3Page - ON Semiconductor ADP3293 Datasheet HTML 4Page - ON Semiconductor ADP3293 Datasheet HTML 5Page - ON Semiconductor ADP3293 Datasheet HTML 6Page - ON Semiconductor ADP3293 Datasheet HTML 7Page - ON Semiconductor ADP3293 Datasheet HTML 8Page - ON Semiconductor ADP3293 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
© Semiconductor Components Industries, LLC, 2009
July, 2009 − Rev. 3
1
Publication Order Number:
ADP3293/D
ADP3293
8-Bit, Programmable
2- to 3-Phase Synchronous
Buck Controller
The ADP3293 is a highly efficient, multi−phase, synchronous buck
switching regulator controller optimized for converting a 12 V main
supply voltage into the core supply voltage of high performance Intel
processors. It uses an internal 8−bit DAC to read a voltage
identification (VID) code directly from the processor, to set the output
voltage between 0.5 V and 1.6 V.
This device uses a multi−mode control architecture to drive the
logic−level PWM outputs. The switching frequency can be
programmed according to VR size and efficiency. The chip can
provide 2− or 3−phase operation, allowing for the construction of up to
four complementary buck switching stages.
The ADP3293 also includes programmable no load offset and load
line slope setting function that adjusts the output voltage as a function
of the load current, optimally positioning it for a system transient. The
ADP3293 also provides accurate and reliable short−circuit protection,
adjustable current limit, and a delayed power−good output that
accommodates On−The−Fly (OTF) output voltage changes requested
by the CPU.
Features
• Selectable 2− or 3−Phase Operation at Up to 1 MHz per Phase
• ±7 mV Worse−Case Differential Sensing Error
• Logic−Level PWM Outputs for Interface to External High
Power Drivers
• Fast−Enhanced PWM FlexModet for Excellent Load
Transient Performance
• TRDET to Improve Load Release
• Active Current Balancing Between All Output Phases
• Built−In Power−Good/Crowbar Blanking Supports Dynamic
VID Code Changes
• Digitally Programmable 0.5 V to 1.6 V Output Supports
VR11.1 Specification
• Programmable Overcurrent Protection with Programmable
Latchoff Delay
• This is a Pb−Free Device
Typical Applications
• Desktop PC Power Supplies for:
♦ Next Generation Intel
® Processors
♦ VRM Modules
http://onsemi.com
PIN ASSIGNMENT
Device
Package
Shipping†
ORDERING INFORMATION
ADP3293JCPZ−RL LFCSP40
(Pb−Free)
2500/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MARKING
DIAGRAM
Package Name
LFCSP40
CASE Number
932AC
ADP3293 = Device Code
#
= Pb−Free Package
YY
= Date Code
ZZ
= Assembly Lot Number
CC
= Country of Origin
ADP3293
#_YYYYYY
ZZZZZZZZ
CCCCC
PIN 1
INDICATOR
1
EN
2
PWRGD
3
FBRTN
4
FB
5
COMP
6
SS
7
DELAY
8
TRDET
9
VRHOT
10
TTSNS
23
SW3
24
SW2
25
SW1
26
ODN
27
NC
28
PWM3
29
PWM2
30
PWM1
22
NC
21
IMON
TOP VIEW
ADP3293


Similar Part No. - ADP3293

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3290 ONSEMI-ADP3290 Datasheet
534Kb / 30P
8-Bit, Programmable 2- to 4-Phase Synchronous Buck Controller
July, 2009 ??Rev. 2
ADP3290JCPZ-RL ONSEMI-ADP3290JCPZ-RL Datasheet
534Kb / 30P
8-Bit, Programmable 2- to 4-Phase Synchronous Buck Controller
July, 2009 ??Rev. 2
More results

Similar Description - ADP3293

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3189 AD-ADP3189 Datasheet
1Mb / 36P
8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
7/05-Revision 0
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029 Datasheet
443Kb / 3P
8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3192 AD-ADP3192 Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
6/06-Revision 0
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
8/06-Rev. 0 to Rev. A.
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
FAN5033 FAIRCHILD-FAN5033 Datasheet
873Kb / 39P
8-Bit Programmable, 2- to 3-Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
5/07-Revision 0
ADP3193A AD-ADP3193A Datasheet
1,007Kb / 32P
8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
5/07-Revision 0
logo
ON Semiconductor
ADP3193A ONSEMI-ADP3193A Datasheet
577Kb / 29P
8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com