Electronic Components Datasheet Search
  English  ▼

X  

PT6608 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT6608
Description  LCD Driver IC?
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6608 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT6608 Datasheet HTML 1Page - Princeton Technology Corp PT6608 Datasheet HTML 2Page - Princeton Technology Corp PT6608 Datasheet HTML 3Page - Princeton Technology Corp PT6608 Datasheet HTML 4Page - Princeton Technology Corp PT6608 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PT6608 pre 1.0
3
Updated Nov. 2000
LCD Driver IC
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6608
Preliminary
APPLICATION CIRCUIT
VDD
V0
V1
V2
V3
V4
V5
VEE
3K
3K
3K
3K
12K
M
FRM
CLK1
CLK2
CL2
V0
V2
V3
V5
VEE
VDD
ADC
V0R, V0L
V2R,V2L
V3R,V3L
V5R, V5L
VEE1,VEE2
VSS
COM1
COM64
S1..........................S64
SEG1..........................SEG64
M
FRM
CLK1
CLK2
CL2
VDD
SHL
FS
MS
PCLK2
DS2
DS1
VSS
V0R,V0L
V5R,V5L
V1R,V1L
V4R,V4L
VEE
DIO1
DIO2
C1
C64
LCD
PT6608
PT6607
OPEN
OPEN
R
CR
C
R1
47K
C1
20pF
VDD
VEE
V4
V1
V5
V0
VDD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com