Electronic Components Datasheet Search
  English  ▼

X  

PT6608 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT6608
Description  LCD Driver IC?
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6608 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT6608 Datasheet HTML 1Page - Princeton Technology Corp PT6608 Datasheet HTML 2Page - Princeton Technology Corp PT6608 Datasheet HTML 3Page - Princeton Technology Corp PT6608 Datasheet HTML 4Page - Princeton Technology Corp PT6608 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PT6608 pre 1.0
1
Updated Nov. 2000
LCD Driver IC
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6608
Preliminary
DESCRIPTION
PT6608 is a 64 -channel segment driver for dot matrix liquid crystal graphic display system. It utilizes CMOS
Technology and provides display RAM, 64-bit data latch, 64 bit drivers and decoder logics. It features the
internal display RAM used as storage for the display data which are transferred from an 8-bit microcontroller.
It generates the dot matrix liquid crystal driving signals corresponding to the given stored data. Paired with
PT6607 (Common Driver IC), PT6608’s pin assignments and application circuit are optimized for easier PCB
Layout and cost saving advantages.
FEATURES
• CMOS Technology
• LCD Driving Voltage: 8 V to 17 V (VDD-VEE)
• Power Supply Voltage: +5V + 10 %
• LCD Duty: 1/32 to 1/64
• Display Data is stored in Display Data RAM from MPU
• Provides 64-Channel Output
• Available in 100-Pin, QFP Package
• Output: 64 Channel for LCD Driving
• Input: 8 Bits Parallel Display Data
Control Signal from MPU
Splitted Bias Voltage (V0R, V0L, V2R, V2L, V3R, V3L, V5R, V5L)
• Interface: Common Driver--PT6607
Segment Driver -- PT6608
Controller -- MPU
APPLICATION
• Peripheral Device


Similar Part No. - PT6608

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6600 TI-PT6600 Datasheet
242Kb / 5P
9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6600 TI1-PT6600 Datasheet
1Mb / 9P
Single Device 9A Output
logo
Bourns Electronic Solut...
PT66001 BOURNS-PT66001 Datasheet
129Kb / 1P
ISDN S-Interface Transformer
PT66002 BOURNS-PT66002 Datasheet
147Kb / 1P
T1 Transformer
PT66002L BOURNS-PT66002L Datasheet
147Kb / 1P
T1 Transformer
More results

Similar Description - PT6608

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6607 PTC-PT6607 Datasheet
67Kb / 5P
LCD Driver IC?
PT6630 PTC-PT6630 Datasheet
79Kb / 4P
LCD Driver IC?
PT6524 PTC-PT6524 Datasheet
466Kb / 7P
LCD Driver IC
PT6554 PTC-PT6554 Datasheet
671Kb / 6P
LCD Driver IC
PT6520 PTC-PT6520 Datasheet
335Kb / 27P
LCD Driver IC
PT6584 PTC-PT6584 Datasheet
558Kb / 42P
LCD Driver IC
PT6520 PTC-PT6520_10 Datasheet
552Kb / 21P
LCD Driver IC
PT6524 PTC-PT6524_10 Datasheet
1Mb / 24P
LCD Driver IC
PT6526 PTC-PT6526 Datasheet
1Mb / 24P
LCD Driver IC
logo
SHENZHEN FUMAN ELECTRON...
SC6523 FUMAN-SC6523 Datasheet
119Kb / 5P
LCD driver IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com