Electronic Components Datasheet Search
  English  ▼

X  

BD234 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BD234
Description  Plastic Medium Power Bipolar Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD234 Datasheet(HTML) 1 Page - ON Semiconductor

  BD234 Datasheet HTML 1Page - ON Semiconductor BD234 Datasheet HTML 2Page - ON Semiconductor BD234 Datasheet HTML 3Page - ON Semiconductor BD234 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
November, 2005 − Rev. 14
1
Publication Order Number:
BD237/D
BD237 (NPN), BD234 (PNP),
BD238 (PNP)
Preferred Devices
Plastic Medium Power
Bipolar Transistors
Designed for use in 5.0 to 10 W audio amplifiers and drivers
utilizing complementary or quasi complementary circuits.
Features
• DC Current Gain −
hFE = 40 (Min) @ IC = 0.15 Adc
• Epoxy Meets UL 94 V0 @ 0.125 in
• ESD Ratings: Human Body Model, 3B; >8000 V
Machine Model, C; >400 V
• Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
BD234
BD237
BD238
Unit
Collector−Emitter Voltage
VCEO
45
80
Vdc
Collector−Base Voltage
VCBO
60
100
Vdc
Emitter−Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
2.0
Adc
Base Current
IB
1.0
Adc
Total Device Dissipation
@ TC = 25_C
PD
25
W
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
5.0
_C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
BD237
TO−225
500 Units / Box
MARKING DIAGRAM
BD23x = Device Code
x
= 4, 7 or 8
Y
= Year
WW
= Work Week
G
= Pb−Free Package
Preferred devices are recommended choices for future use
and best overall value.
BD238
TO−225
500 Units / Box
http://onsemi.com
2.0 AMPERES
POWER TRANSISTORS
25 WATTS
TO−225
CASE 77
STYLE 1
3
2 1
BD237G
TO−225
(Pb−Free)
500 Units / Box
BD238G
TO−225
(Pb−Free)
500 Units / Box
YWW
BD23xG
BD234
TO−225
500 Units / Box
BD234G
TO−225
(Pb−Free)
500 Units / Box


Similar Part No. - BD234

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
logo
Fairchild Semiconductor
BD234 FAIRCHILD-BD234 Datasheet
37Kb / 4P
Medium Power Linear and Switching
logo
Savantic, Inc.
BD234 SAVANTIC-BD234 Datasheet
101Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
BD234 ISC-BD234 Datasheet
130Kb / 3P
Silicon PNP Power Transistors
logo
Fairchild Semiconductor
BD234 FAIRCHILD-BD234 Datasheet
43Kb / 4P
Medium Power Linear and Switching Applications
More results

Similar Description - BD234

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
Plastic Medium-Power Complementary Silicon Transistors
logo
Boca Semiconductor Corp...
2N6666 BOCA-2N6666 Datasheet
157Kb / 3P
PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387 Datasheet
75Kb / 8P
Plastic Medium-Power Silicon Transistors
April, 2002 ??Rev. 10
2N4918 ONSEMI-2N4918_04 Datasheet
120Kb / 6P
Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
2N6387 ONSEMI-2N6387_07 Datasheet
101Kb / 6P
Plastic Medium-Power Silicon Transistors
November, 2007 - Rev. 13
logo
New Jersey Semi-Conduct...
2N6386 NJSEMI-2N6386 Datasheet
259Kb / 2P
PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
Continental Device Indi...
BD157 CDIL-BD157 Datasheet
90Kb / 2P
PLASTIC MEDIUM POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N4921G ONSEMI-2N4921G_13 Datasheet
150Kb / 6P
Medium-Power Plastic NPN Silicon Transistors
December, 2013 ??Rev. 14
2N6387 ONSEMI-2N6387_14 Datasheet
113Kb / 6P
Plastic Medium-Power Silicon Transistors
November, 2014 ??Rev. 15
BD237G ONSEMI-BD237G Datasheet
93Kb / 5P
Plastic Medium Power Bipolar Transistors
December, 2013 ??Rev. 17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com