Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2730 Datasheet(PDF) 12 Page - QT Optoelectronics

Part # HCPL-2730
Description  LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

HCPL-2730 Datasheet(HTML) 12 Page - QT Optoelectronics

Back Button HCPL-2730 Datasheet HTML 4Page - QT Optoelectronics HCPL-2730 Datasheet HTML 5Page - QT Optoelectronics HCPL-2730 Datasheet HTML 6Page - QT Optoelectronics HCPL-2730 Datasheet HTML 7Page - QT Optoelectronics HCPL-2730 Datasheet HTML 8Page - QT Optoelectronics HCPL-2730 Datasheet HTML 9Page - QT Optoelectronics HCPL-2730 Datasheet HTML 10Page - QT Optoelectronics HCPL-2730 Datasheet HTML 11Page - QT Optoelectronics HCPL-2730 Datasheet HTML 12Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Corporate Headquarters
North American Sales
European Sales
QT Optoelectronics
QT Optoelectronics
Quality Technologies Deutschland GmbH
610 North Mary Avenue
16775 Addison Rd.,Suite 200
Max-Huber-Strasse 8
Sunnyvale, CA 94086
Addison, TX 75001
D-85737 Ismaning, Germany
(408) 720-1440 Phone
(972) 447-1300 Phone
49 [0] 89/96.30.51 Phone
(408) 720-0848 Fax
(972) 447-0784 Fax
49 [0] 89/96.54.74 Fax
European Sales
Asia/Pacific Sales
European Sales
QT Optoelectronics
QT Optoelectronics
Quality Technologies (U.K) Ltd.
“Le Levant”
B613, 6th Floor
10, Prebendal Court, Oxford Road
2, rue du Nouveau Bercy
East Wing, Wisma Tractors
Aylesbury, Buckinghamshire
F-94277-CHARENTON-LE PONT Cedex
Jalan SS16/1, Subang Jaya
HP19-3EY United Kingdom
FRANCE
47500 Petaling Jaya
44 [0] 1296/30.44.99 Phone
33 [0] 1.45.18.78.78 Phone
Selangor Darul Eshan, Malaysia
44 [0] 1296/39.24.32 Fax
33 [0] 1.43.75.77.57 Fax
603/735-2417 Phone
603/736-3382 Fax
Call QT Optoelectronics for more information or the phone number of your nearest distributor.
United States 800-533-6786 • France 33 [0] 1.45.18.78.78 • Germany 49 [0] 89/96.30.51 • United Kingdom 44 [0] 1296 394499 • Asia/Pacific 603-7352417
www.qtopto.com
R2
.R2
Opto Plus Reliability Conditioning
S
.S
Surface Mount Lead Bend
SD
.SD
Surface Mount; Tape and reel
W
.W
0.4” Lead Spacing
Order
Entry
Option
Identifier
Description
4.0 ± 0.1
Ø1.55 ± 0.05
User Direction of Feed
4.0 ± 0.1
1.75 ± 0.10
7.5 ± 0.1
16.0 ± 0.3
12.0 ± 0.1
0.30 ± 0.05
13.2 ± 0.2
4.90 ± 0.20
0.1 MAX
10.30 ± 0.20
10.30 ± 0.20
Ø1.6 ± 0.1
QT Carrier Tape Specifications (“D” Taping Orientation)
ORDERING INFORMATION
SINGLE-CHANNEL
DUAL-CHANNEL
6N138
HCPL-2730
6N139
HCPL-2731
12/27/99
200023A
LOW INPUT CURRENT
HIGH GAIN SPLIT
DARLINGTON OPTOCOUPLERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com