Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2730 Datasheet(PDF) 3 Page - QT Optoelectronics

Part # HCPL-2730
Description  LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

HCPL-2730 Datasheet(HTML) 3 Page - QT Optoelectronics

  HCPL-2730 Datasheet HTML 1Page - QT Optoelectronics HCPL-2730 Datasheet HTML 2Page - QT Optoelectronics HCPL-2730 Datasheet HTML 3Page - QT Optoelectronics HCPL-2730 Datasheet HTML 4Page - QT Optoelectronics HCPL-2730 Datasheet HTML 5Page - QT Optoelectronics HCPL-2730 Datasheet HTML 6Page - QT Optoelectronics HCPL-2730 Datasheet HTML 7Page - QT Optoelectronics HCPL-2730 Datasheet HTML 8Page - QT Optoelectronics HCPL-2730 Datasheet HTML 9Page - QT Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Parameter
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
COUPLED
(IF = 0.5 mA, VO = 0.4 V, VCC = 4.5 V)
6N139
400
1100
%
Each Channel
HCPL-2731
3500
Current transfer ratio
(IF = 1.6 mA, VO = 0.4 V, VCC = 4.5 V)
CTR
6N139
500
1300
%
(Notes 1,2)
Each Channel
HCPL-2731
2500
(IF = 1.6 mA, VO = 0.4 V, VCC = 4.5 V)
6N138
300
1300
%
Each Channel
HCPL-2730
2500
(IF = 0.5 mA, IO = 2 mA, VCC = 4.5 V)
6N139
0.08
0.4
(IF = 1.6 mA, IO = 8 mA, VCC = 4.5 V)
6N139
0.01
0.4
Each Channel
HCPL-2731
Logic low output voltage (IF = 5 mA, IO = 15 mA, VCC = 4.5 V)
6N139
0.13
0.4
V
output voltage
Each Channel
VOL
HCPL-2731
(Note 2)
(IF = 12 mA, IO = 24 mA, VCC = 4.5 V)
6N139
0.20
0.4
Each Channel
HCPL-2731
(IF = 1.6 mA, IO = 4.8 mA, VCC = 4.5 V)
6N138
0.10
0.4
Each Channel
HCPL-2730
TRANSFER CHARACTERISTICS (TA = 0 to 70°C Unless otherwise specified)
** All typicals at TA = 25°C
SINGLE-CHANNEL
DUAL-CHANNEL
6N138
HCPL-2730
6N139
HCPL-2731
12/27/99
200023A
LOW INPUT CURRENT
HIGH GAIN SPLIT
DARLINGTON OPTOCOUPLERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com