Electronic Components Datasheet Search
  English  ▼

X  

CAT37 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT37
Description  CMOS White LED Driver Boost Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT37 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT37 Datasheet HTML 1Page - ON Semiconductor CAT37 Datasheet HTML 2Page - ON Semiconductor CAT37 Datasheet HTML 3Page - ON Semiconductor CAT37 Datasheet HTML 4Page - ON Semiconductor CAT37 Datasheet HTML 5Page - ON Semiconductor CAT37 Datasheet HTML 6Page - ON Semiconductor CAT37 Datasheet HTML 7Page - ON Semiconductor CAT37 Datasheet HTML 8Page - ON Semiconductor CAT37 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CAT37
http://onsemi.com
2
Typical Application Circuit
Figure 1. Driver for Four High−Brightness White LEDs
15 mA
6.34 W
L1 6.8 mH
2
3
1
5
4
SW
VIN
D1
C2
1 mF
C1
1 mF
VIN
3 V to 5 V
ON OFF
CAT37
FB
GND
SHDN
C1: Taiyo Yuden JMK212BJ475
C2: Taiyo Yuden EMK212BJ105
L1: Panasonic ELJEA6R8 or equivalent
R1
Table 1. PIN DESCRIPTION
Pin Number
Name
Function
1
SW
Switch pin. This is the drain of the internal power switch. For minimum EMI, minimize the trace area
connected to this pin.
2
GND
Ground pin. Connect pin 2 to ground.
3
FB
LED (cathode) connection pin.
4
SHDN
Shutdown pin.
5
VIN
Input supply pin. This pin should be bypassed with a capacitor to ground. A 1 mF capacitor mounted
close to the pin is recommended.
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VIN, FB, SHDN voltage
8
V
SW voltage
20
V
Storage Temperature Range
−65 to +160
°C
Junction Temperature
125
°C
Lead Soldering Temperature (10 secs)
300
°C
ESD Rating – Human Body Model
2000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 3. RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Unit
VIN
2.5 to 7
V
Ambient Temperature Range
−40 to +85
°C
Inductor L1
6.8 ± 20% typical
mH
Input Capacitor C1
1.0 ± 20% typical
mF
Output Capacitor C2
1.0 ± 20% typical
mF
ILED with 1 to 4 LEDs in series
0 to 20
mA
NOTE: Typical application circuit with external components is shown above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com