Electronic Components Datasheet Search
  English  ▼

X  

CAT37 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT37
Description  CMOS White LED Driver Boost Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT37 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT37 Datasheet HTML 1Page - ON Semiconductor CAT37 Datasheet HTML 2Page - ON Semiconductor CAT37 Datasheet HTML 3Page - ON Semiconductor CAT37 Datasheet HTML 4Page - ON Semiconductor CAT37 Datasheet HTML 5Page - ON Semiconductor CAT37 Datasheet HTML 6Page - ON Semiconductor CAT37 Datasheet HTML 7Page - ON Semiconductor CAT37 Datasheet HTML 8Page - ON Semiconductor CAT37 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CAT37
http://onsemi.com
4
TYPICAL CHARACTERISTICS
(VIN = 3.6 V, TAMB = 25°C, CIN = 4.7 mF, COUT = 1 mF, L = 6.8 mH, unless otherwise specified.)
Figure 2. LED Current vs. Input Voltage
Figure 3. LED Current vs. Temperature
INPUT VOLTAGE (V)
TEMPERATURE (°C)
6
5
4
3
2
0
10
20
30
75
100
50
25
0
−25
−50
14.0
14.5
15.0
15.5
16.0
Figure 4. FB Pin Voltage vs. LED Current
Figure 5. FB Pin Voltage vs. Temperature
LED CURRENT (mA)
TEMPERATURE (°C)
20
15
10
5
0
80
85
90
95
100
105
110
100
75
50
25
0
−25
−50
80
85
90
95
100
Figure 6. Switching Frequency vs. Input
Voltage
Figure 7. Switching Frequency vs.
Temperature
INPUT VOLTAGE (V)
TEMPERATURE (°C)
6
5
4
3
2
1
0.8
0.9
1.0
1.1
1.2
1.3
100
75
50
25
0
−25
−50
0.8
0.9
1.0
1.1
1.2
3 LEDs
20 mA
10 mA
4 LEDs
3 LEDs
4 LEDs at 15 mA
VIN = 3.6 V
4 LEDs
1.3
LOAD = 20 mA
LOAD = 3 LEDs
VIN = 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com