Electronic Components Datasheet Search
  English  ▼

X  

CNW85 Datasheet(PDF) 2 Page - QT Optoelectronics

Part # CNW85
Description  WIDE BODY, HIGH ISOLATION OPTOCOUPLERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

CNW85 Datasheet(HTML) 2 Page - QT Optoelectronics

  CNW85 Datasheet HTML 1Page - QT Optoelectronics CNW85 Datasheet HTML 2Page - QT Optoelectronics CNW85 Datasheet HTML 3Page - QT Optoelectronics CNW85 Datasheet HTML 4Page - QT Optoelectronics CNW85 Datasheet HTML 5Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NOTE:
1. Every product is tested with pins 1, 2 and 3 shorted together, and pins 4, 5 and 6 shorted together.
1/18/00
200015A
CNW82, CNW83, CNW84, CNW85
WIDE BODY, HIGH ISOLATION
OPTOCOUPLERS
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
EMITTER
(IF = 10 mA)
VF
—
1.20
1.50
V
Input Forward Voltage
Reverse Leakage Current
(VR = 5.0 V)
IR
——
10
µA
DETECTOR
(CNW82/83)
(IC = 1.0 mA)
BVCEO
50
100
—
V
Collector-Emitter Breakdown Voltage (CNW84/85)
80
100
—
Emitter-Collector Breakdown Voltage
(IE = 0.1 mA)
BVECO
7
10
—
V
Collector-Base Breakdown Voltage
(CNW83)
(IC = 0.1 mA)
BVCBO
70
100
—
V
(CNW85)
120
140
—
Collector-Emitter Dark Current
(TA = 25°C)
(VCE = 10 V, IF = 0)
ICEO
—
1
50
nA
(TA = 70°C)
—
0.1
10
µA
Collector-Base Cut-off Current
(CNW83/85)
(VCB = 10 V, IF = 0)
ICBO
——
20
nA
COUPLED
(IC = 4 mA, IF = 10 mA)
VCE(sat)
—
0.15
0.4
V
Collector-Emitter Saturation Voltage
Isolation Voltage
(DC Value)
(t = 1.0 min.)(1)
VISO
8.34
——
kV
(RMS Value)
(t = 1.0 min.)(1)
5.9
——
Isolation Resistance
(V
I-O = 500 V)
R
ISO
110
—
T
!
Isolation Capacitance
(V
I-O = 0, f = 1.0 MHz)
C
ISO
—
0.4
1
pF
Current Transfer Ratio
(CNW82/83)
(I
F = 10 mA, VCE = 0.4 V)
CTR
0.4
0.8
—
%
(CNW84/85)
(I
F = 10 mA, VCE = 5 V)
0.63
1.5
3.2
Capacitance
(CNW83/85)
(VCB = 10 V, f = 1 MHz)
C
CB
—
4.5
—
pF
Turn-on Time
(IC = 2 mA, VCC = 5 V, RL = 100 !)
TON
—
3
—
µs
(IC = 2 mA, VCC = 5 V, RL = 1 k!)
—
12
—
Turn-off Time
(IC = 2 mA, VCC = 5 V, RL = 100 !)
TOFF
—
3
—
µs
(IC = 2 mA, VCC = 5 V, RL = 1 k!)
—
12
—
ELECTRICAL CHARACTERISTICS (TA =25°C Unless otherwise specified)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com