Electronic Components Datasheet Search
  English  ▼

X  

CNW85 Datasheet(PDF) 3 Page - QT Optoelectronics

Part # CNW85
Description  WIDE BODY, HIGH ISOLATION OPTOCOUPLERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

CNW85 Datasheet(HTML) 3 Page - QT Optoelectronics

  CNW85 Datasheet HTML 1Page - QT Optoelectronics CNW85 Datasheet HTML 2Page - QT Optoelectronics CNW85 Datasheet HTML 3Page - QT Optoelectronics CNW85 Datasheet HTML 4Page - QT Optoelectronics CNW85 Datasheet HTML 5Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1/18/00
200015A
WIDE BODY, HIGH ISOLATION
OPTOCOUPLERS
CNW82, CNW83, CNW84, CNW85
1.5
1.3
1.1
0.9
0.7
0.5
-50
0
50
100
150
200
TA - AMBIENT TEMPERATURE (˚C)
Fig. 6 Collector Current vs. Ambient Temperature
(for CNW84 and CNW85)
VCE = 0.4 V
VCE = 5 V
IF = 1 mA
NORMALIZED TO
VCE = 5 V
TA = 25˚C
100
50
0
05
10
10
-1
110
10
2
10
3
VCE - COLLECTOR-EMITTER VOLTAGE (V)
Fig. 4 Collector Current vs. Collector-Emitter Voltage
Fig. 3 Collector Current vs. Forward Current
(for CNW82 and CNW83)
IF = 100 mA
IF = 2.5 mA
IF = 10 mA
IF = 25 mA
IF = 50 mA
IF = 75 mA
TA = 25˚C
100
75
50
25
10
2
10
1
10
-1
10
-2
10
-3
0
0
0.5
1
1.5
VF - FORWARD VOLTAGE (V)
Fig. 1 Forward Current vs. Forward Voltage
TA = 25˚C
10
1
10-1
10-1
110
102
103
10-2
10-3
10-4
IF - FORWARD CURRENT (mA)
IF - FORWARD CURRENT (mA)
Fig. 2 Collector Current vs. Forward Current
(for CNW84 and CNW85)
VCE = 5 V
VCE = 0.4 V
VCE = 15 V
VCE = 24 V
Normalize to:
VCE = 0.4 V
IF = 10 mA
TA = 25˚C
20
10
15
-50
0
50
100
150
5
0
Fig. 5 Collector Current vs. Ambient Temperature
(for CNW82 and CNW83)
TA - AMBIENT TEMPERATURE (˚C)
typ
typ
min
IF = 10 mA
VCE = 5 V
IF = 10 mA
VCE = 0.4 V
IF = 10 mA, VCE = 0.4 V
IF = 10 mA, VCE = 5 V
TA = 25˚C
0.4 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com