Electronic Components Datasheet Search
  English  ▼

X  

STA015 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STA015
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STA015 Datasheet HTML 22Page - STMicroelectronics STA015 Datasheet HTML 23Page - STMicroelectronics STA015 Datasheet HTML 24Page - STMicroelectronics STA015 Datasheet HTML 25Page - STMicroelectronics STA015 Datasheet HTML 26Page - STMicroelectronics STA015 Datasheet HTML 27Page - STMicroelectronics STA015 Datasheet HTML 28Page - STMicroelectronics STA015 Datasheet HTML 29Page - STMicroelectronics STA015 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA015
26/56
Mode extension
These bits are used in joint stereo mode. They indicates which type of joint stereo coding method is ap-
plied. The frequency ranges, over which the intensity_stereo and ms_stereo modes are applied, are im-
plicit in the algorithm.
Copyright
If this bit is equal to ’0’, there is no copyright on the bitstream, ’1’ means copyright protected.
Original/Copy
This bit equals ’0’ if the bitstream is a copy, ’1’ if it is original.
Emphasis
Indicates the type of de-emphasis that shall be used.
DLA
Address: 0x46 (70)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
DLA register is used to attenuate the level of audio output at the Left Channel using the butterfly shown in
Fig. 18. When the register is set to 255 (0xFF), the maximum attenuation is achieved.
A decimal unit correspond to an attenuation step of 1 dB.
Figure 18. Volume Control and Output Setup
emphasis
emphasis specified
’00’
none
’01’
50/15 microseconds
’10’
reserved
’11’
CCITT J, 17
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description
DLA7
DLA6
DLA5
DLA4
DLA3
DLA2
DLA1
DLA0
OUTPUT ATTENUATION
0
0
00
00
0
0
NO ATTENUATION
0
0
00
00
0
1
-1dB
0
0
00
00
1
0
-2dB
:
:::
::
:
:
:
0
1
10
00
0
0
-96dB
X
DLA
+
X
Output Left Channel
DSP Left Channel
DLB
X
DRA
+
X
Output Right Channel
DSP Right Channel
DRB
D97AU667



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com