Electronic Components Datasheet Search
  English  ▼

X  

CAT5271 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT5271
Description  Dual 256-Position I2C Compatible Digital Potentiometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5271 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT5271 Datasheet HTML 1Page - ON Semiconductor CAT5271 Datasheet HTML 2Page - ON Semiconductor CAT5271 Datasheet HTML 3Page - ON Semiconductor CAT5271 Datasheet HTML 4Page - ON Semiconductor CAT5271 Datasheet HTML 5Page - ON Semiconductor CAT5271 Datasheet HTML 6Page - ON Semiconductor CAT5271 Datasheet HTML 7Page - ON Semiconductor CAT5271 Datasheet HTML 8Page - ON Semiconductor CAT5271 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CAT5271
http://onsemi.com
2
Wiper Control
SDA
A1
W1
SCL
Figure 1. Functional Block Diagram
VCC
B1
GND
Register 1
Wiper Control
A2
W2
B2
Register 2
Table 1. ORDERING INFORMATION
Part Number
Resistance
Temperature Range
Package
Shipping†
CAT5271ZI−50−GT3
50 kW
−40°C to 85°C
MSOP−10
(Pb−Free)
3000/Tape & Reel
CAT5271ZI−00−GT3
100 kW
3000/Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Table 2. PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
B1
B1 Terminal
2
A1
A1 Terminal
3
W2
W2 Terminal
4
GND
Digital Ground
5
VDD
Positive Power Supply
6
SCL
Serial Clock Input
7
SDA
Serial Data Input / Output
8
A2
A2 Terminal
9
B2
B2 Terminal
10
W1
W1 Terminal
Table 3. ABSOLUTE MAXIMUM RATINGS (Note 1)
Rating
Value
Unit
VDD to GND
−0.3 to 6.5
V
A1, B1, W1, A2, B2, W2 Voltage to GND
VDD
IMAX
±20
mA
Digital Inputs and Output Voltage to GND
0 to 6.5
V
Operating Temperature Range
−40 to +85
°C
Maximum Junction Temperature (TJMAX)
150
°C
Storage Temperature
−65 to +150
°C
Lead Temperature (Soldering, 10 sec)
300
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Maximum terminal current is bounded by the maximum current handling of the switches, maximum power dissipation of the package, and
maximum applied voltage across any two of the A, B, and W terminals at a given resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com