Electronic Components Datasheet Search
  English  ▼

X  

CAT5271 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT5271
Description  Dual 256-Position I2C Compatible Digital Potentiometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5271 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT5271 Datasheet HTML 1Page - ON Semiconductor CAT5271 Datasheet HTML 2Page - ON Semiconductor CAT5271 Datasheet HTML 3Page - ON Semiconductor CAT5271 Datasheet HTML 4Page - ON Semiconductor CAT5271 Datasheet HTML 5Page - ON Semiconductor CAT5271 Datasheet HTML 6Page - ON Semiconductor CAT5271 Datasheet HTML 7Page - ON Semiconductor CAT5271 Datasheet HTML 8Page - ON Semiconductor CAT5271 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CAT5271
http://onsemi.com
3
Table 4. ELECTRICAL CHARACTERISTICS: 50 kW and 100 kW Versions
VDD = 2.7 V to 5.5 V; VA = VDD; VB = 0 V; –40°C < TA < +85°C; unless otherwise noted. (Note 2)
Parameter
Test Conditions
Symbol
Min
Typ
(Note 3)
Max
Unit
DC CHARACTERISTICS — RHEOSTAT MODE
Resistor Differential Nonlinearity (Note 4)
RWB, VA = no connection
R−DNL
−1
±0.1
+1
LSB
Resistor Integral Nonlinearity (Note 4)
RWB, VA = no connection
R−INL
−2
±0.4
+2
LSB
Nominal Resistor Tolerance (Note 5)
TA = 25°C
nRAB
−20
+20
%
Resistance Temperature Coefficient
VAB = VDD, Wiper = no connection
nRAB/nT
100
ppm/°C
Wiper Resistance
VDD = 5 V, IW = ±3 mA
RW
50
120
W
VDD = 3 V, IW = ±3 mA
100
250
DC CHARACTERISTICS — POTENTIOMETER DIVIDER MODE
Resolution
N
8
Bits
Differential Nonlinearity (Note 6)
DNL
−1
±0.1
+1
LSB
Integral Nonlinearity (Note 6)
INL
−1
±0.4
+1
LSB
Voltage Divider Temperature Coefficient
Code = 0x80
nVW/nT
100
ppm/°C
Full−Scale Error
Code = 0xFF
VWFSE
−3
−1
0
LSB
Zero−Scale Error
Code = 0x00
VWZSE
0
1
3
LSB
RESISTOR TERMINALS
Voltage Range (Note 7)
VA,B,W
GND
VDD
V
Capacitance (Note 8) A, B
f = 1 MHz, measured to GND,
Code = 0 x 80
CA,B
45
pF
Capacitance (Note 8) W
f = 1 MHz, measured to GND,
Code = 0 x 80
CW
60
pF
Common−Mode Leakage (Note 8)
VA = VB = VDD/2
ICM
1
nA
DIGITAL INPUTS
Input Logic High
VDD = 5 V
VIH
0.7 x VDD
V
Input Logic Low
VDD = 5 V
VIL
0.3VDD
V
Input Logic High
VDD = 3 V
VIH
0.7 x VDD
V
Input Logic Low
VDD = 3 V
VIL
0.3VDD
V
Input Current
VIN = 0 V or 5 V
IIL
±1
mA
POWER SUPPLIES
Power Supply Range
VDD RANGE
2.7
5.5
V
Supply Current
VIH = 5 V or VIL = 0 V
IDD
0.3
2
mA
Power Dissipation (Note 8)
VIH = 5 V or VIL = 0 V, VDD = 5 V
PDISS
0.2
mW
Power Supply Sensitivity
nVDD = +5 V ±10%, Code = Midscale
PSS
±0.05
%/%
DYNAMIC CHARACTERISTICS (Notes 8 and 10)
Bandwidth –3 dB
RAB = 50 kW / 100 kW, Code = 0x80
BW
100/40
kHz
Total Harmonic Distortion
VA =1 V rms, VB = 0 V,
f = 1 kHz, RAB = 10 kW
THDW
0.05
%
VW Settling Time (50 kW/100 kW)
VA = 5 V, VB = 0 V, ±1 LSB error band
tS
2
ms
2. VA applies to both A1 and A2, VB applies to both B1 and B2.
3. Typical specifications represent average readings at +25°C and VDD = 5 V.
4. Resistor position nonlinearity error R−INL is the deviation from an ideal value measured between the maximum resistance and the minim-
um resistance wiper positions. R−DNL measures the relative step change from ideal between successive tap positions. Parts are guaran-
teed monotonic.
5. VAB = VDD, Wiper (VW) = no connect.
6. INL and DNL are measured at VW with the digital potentiometer configured as a potentiometer divider similar to a voltage output D/A con-
verter. VA = VDD and VB = 0 V. DNL specification limits of ±1 LSB maximum are guaranteed monotonic operating conditions.
7. Resistor terminals A, B, W have no limitations on polarity with respect to each other.
8. Guaranteed by design and not subject to production test.
9. Maximum terminal current is bounded by the maximum current handling of the switches, maximum power dissipation of the package, and
maximum applied voltage across any two of the A, B, and W terminals at a given resistance.
10.All dynamic characteristics use VDD = 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com