Electronic Components Datasheet Search
  English  ▼

X  

CAT5409 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT5409
Description  Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5409 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT5409 Datasheet HTML 1Page - ON Semiconductor CAT5409 Datasheet HTML 2Page - ON Semiconductor CAT5409 Datasheet HTML 3Page - ON Semiconductor CAT5409 Datasheet HTML 4Page - ON Semiconductor CAT5409 Datasheet HTML 5Page - ON Semiconductor CAT5409 Datasheet HTML 6Page - ON Semiconductor CAT5409 Datasheet HTML 7Page - ON Semiconductor CAT5409 Datasheet HTML 8Page - ON Semiconductor CAT5409 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CAT5409
© 2009 SCILLC. All rights reserved.
1
Doc. No. MD-2010 Rev. M
Characteristics subject to change without notice
Quad Digitally Programmable Potentiometers
(DPP™) with 64 Taps and I²C Interface
FEATURES
Four linear taper digitally programmable
potentiometers
64 resistor taps per potentiometer
End to end resistance 2.5 kΩ, 10 kΩ, 50 kΩ or
100 kΩ
I²C interface
Low wiper resistance, typically 80 Ω
Four non-volatile wiper settings for each
potentiometer
Recall of saved wiper settings at power-up
2.5 to 6.0 volt operation
Standby current less than 1 µA
1,000,000 nonvolatile WRITE cycles
100 year nonvolatile memory data retention
24-lead SOIC and 24-lead TSSOP
Write protection for data register
For Ordering Information details, see page 15.
PIN CONFIGURATION
SOIC (W)
TSSOP (Y)
DESCRIPTION
The
CAT5409
is
four
Digitally
Programmable
Potentiometers (DPP™) integrated with control logic
and 16 bytes of NVRAM memory.
A separate 6-bit control register (WCR) independently
controls the wiper tap position for each DPP.
Associated with each wiper control register are four
6-bit non-volatile memory data registers (DR) used for
storing up to four wiper settings. Writing to the wiper
control register or any of the non-volatile data
registers is via a I²C serial bus. On power-up, the
contents of the first data register (DR0) for each of the
four potentiometers is automatically loaded into its
respective wiper control register (WCR).
The Write Protection (WP
¯¯¯) pin protects against
inadvertent programming of the data register.
The CAT5409 can be used as a potentiometer or as a
two terminal, variable resistor. It is intended for circuit
level or system level adjustments in a wide variety of
applications.
FUNCTIONAL DIAGRAM
2
23
RL0
RL3
322
RH0
RH3
124
VCC
NC
4
RW0
RW3
21
A0
A2 520
NC
619
WP
A1
SCL
8
17
RL1
RL2
916
A3
718
SDA
RH1
RH2
10
15
RW1
RW2
11
14
GND
NC
12
13
2
23
RL0
RL3
322
RH0
RH3
124
VCC
4
RW0
RW3
21
A0
A2
520
NC
619
WP
A1
SCL
8
17
RL1
RL2
916
A3
718
SDA
RH1
RH2
10
15
RW1
RW2
NC
11
14
GND
NC
12
13
NONVOLATILE
DATA
REGISTERS
CONTROL LOGIC
WIPER CONTROL
REGISTERS
I²C BUS
INTERFACE
RW0
RW1
RW2
RW3
RL0
A0
A1
A2
A3
SCL
SDA
RL1
RL2
RL3
RH0
RH1
RH2
RH3
WP


Similar Part No. - CAT5409

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5409 CATALYST-CAT5409 Datasheet
95Kb / 17P
Quad Digitally Programmable Potentiometers (DPPTM) with 64 Taps and 2-wire Interface
CAT5409 CATALYST-CAT5409 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT5409 CATALYST-CAT5409 Datasheet
308Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5409 ONSEMI-CAT5409 Datasheet
215Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
logo
Catalyst Semiconductor
CAT5409BI-00-TE13 CATALYST-CAT5409BI-00-TE13 Datasheet
95Kb / 17P
Quad Digitally Programmable Potentiometers (DPPTM) with 64 Taps and 2-wire Interface
More results

Similar Description - CAT5409

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5241 CATALYST-CAT5241 Datasheet
111Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
CAT5401 CATALYST-CAT5401_07 Datasheet
331Kb / 15P
Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
CAT5241 CATALYST-CAT5241_08 Datasheet
301Kb / 16P
Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
CAT5409 CATALYST-CAT5409_08 Datasheet
308Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5259WI-50 ONSEMI-CAT5259WI-50 Datasheet
271Kb / 16P
Quad Digitally Programmable Potentiometers with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. I
CAT5409WI-25 ONSEMI-CAT5409WI-25 Datasheet
234Kb / 16P
Quad Digitally Programmable Potentiometers with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. L
CAT5241 ONSEMI-CAT5241 Datasheet
250Kb / 16P
Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. R
CAT5259 ONSEMI-CAT5259 Datasheet
730Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
CAT5401 ONSEMI-CAT5401 Datasheet
244Kb / 15P
Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com