Electronic Components Datasheet Search
  English  ▼

X  

CAT5409 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT5409
Description  Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5409 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT5409 Datasheet HTML 1Page - ON Semiconductor CAT5409 Datasheet HTML 2Page - ON Semiconductor CAT5409 Datasheet HTML 3Page - ON Semiconductor CAT5409 Datasheet HTML 4Page - ON Semiconductor CAT5409 Datasheet HTML 5Page - ON Semiconductor CAT5409 Datasheet HTML 6Page - ON Semiconductor CAT5409 Datasheet HTML 7Page - ON Semiconductor CAT5409 Datasheet HTML 8Page - ON Semiconductor CAT5409 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CAT5409
Doc. No. MD-2010 Rev. M
4
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
D.C. OPERATING CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Test Conditions
Min
Max
Units
ICC
Power Supply Current
fSCL = 400 kHz
1
mA
ISB
Standby Current (VCC = 5 V)
VIN = GND or VCC, SDA Open
1
µA
ILI
Input Leakage Current
VIN = GND to VCC
10
µA
ILO
Output Leakage Current
VOUT = GND to VCC
10
µA
VIL
Input Low Voltage
-1
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 1.0
V
VOL1
Output Low Voltage (VCC = 3 V)
IOL = 3 mA
0.4
V
CAPACITANCE
(1)
TA = 25ºC, f = 1.0 MHz, VCC = 5 V
Symbol
Test
Conditions
Max.
Units
CI/O
Input/Output Capacitance (SDA)
VI/O = 0 V
8
pF
CIN
Input Capacitance (A0, A1, A2, A3, SCL, WP
¯¯¯)
VIN = 0 V
6
pF
A.C. CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Min
Typ
Max
Units
fSCL
Clock Frequency
400
kHz
TI
(1)
Noise Suppression Time Constant at SCL, SDA Inputs
50
ns
tAA
SLC Low to SDA Data Out and ACK Out
0.9
µs
tBUF
(1)
Time the bus must be free before a new transmission can
start
1.2
µs
tHD:STA
Start Condition Hold Time
0.6
µs
tLOW
Clock Low Period
1.2
µs
tHIGH
Clock High Period
0.6
µs
tSU:STA
Start Condition SetupTime (for a Repeated Start Condition)
0.6
µs
tHD:DAT
Data in Hold Time
0
ns
tSU:DAT
Data in Setup Time
100
ns
tR
(1)
SDA and SCL Rise Time
0.3
µs
tF
(1)
SDA and SCL Fall Time
300
ns
tSU:STO
Stop Condition Setup Time
0.6
µs
tDH
Data Out Hold Time
50
ns
POWER UP TIMING
(1)
Symbol
Parameter
Max
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com