Electronic Components Datasheet Search
  English  ▼

X  

CAT9534 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT9534
Description  8-bit I짼C and SMBus I/O Port with Interrupt
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9534 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT9534 Datasheet HTML 1Page - ON Semiconductor CAT9534 Datasheet HTML 2Page - ON Semiconductor CAT9534 Datasheet HTML 3Page - ON Semiconductor CAT9534 Datasheet HTML 4Page - ON Semiconductor CAT9534 Datasheet HTML 5Page - ON Semiconductor CAT9534 Datasheet HTML 6Page - ON Semiconductor CAT9534 Datasheet HTML 7Page - ON Semiconductor CAT9534 Datasheet HTML 8Page - ON Semiconductor CAT9534 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CAT9534
Doc. No. MD-9004 Rev. D
2
© 2010 SCILLC. All rights reserved
Characteristics subject to change without notice
PIN CONFIGURATION
SOIC (W), TSSOP (Y)
TQFN 4 x 4mm (HV4)
(Top View)
A0
VCC
A1
SDA
A2
SCL
I/O0
INT
I/O1
I/O7
I/O2
I/O6
I/O3
I/O5
VSS I/O4
1
2
3
4
13
14
15
16
8
7
6
5
12
10
9
11
PIN DESCRIPTION
SOIC / TSSOP
TQFN
Pin Name
Function
1
15
A0
Address Input 0
2
16
A1
Address Input 1
3
1
A2
Address Input 2
4-7
2-5
I/O0-3
Input/Output Port 0 to Input/Output Port 3
8
6
VSS
Ground
9-12
7-10
I/O4-7
Input/Output Port 4 to Input/Output Port 7
13
11
INT
¯¯¯
Interrupt Output (open drain)
14
12
SCL
Serial Clock
15
13
SDA
Serial Data
16
14
VCC
Power Supply
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
VCC with Respect to Ground
-0.5 to +6.5
V
Voltage on Any Pin with Respect to Ground
-0.5 to +5.5
V
DC Current on I/O0 to I/O7
±50
mA
DC Input Current
±20
mA
VCC Supply Current
85
mA
VSS Supply Current
100
mA
Package Power Dissipation Capability (TA = 25°C)
1.0
W
Junction Temperature
+150
ºC
Storage Temperature
-65 to +150
ºC
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Reference Test Method
Min
Units
VZAP
(2)
ESD Susceptibility
JEDEC Standard JESD 22
2000
Volts
ILTH
(2)(3)
Latch-up
JEDEC Standard 17
100
mA
Notes:
(1)
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2)
This parameter is tested initially and after a design or process change that affects the parameter.
(3)
Latch-up protection is provided for stresses up to 100mA on address and data pins from -1V to VCC +1V.
1
16
A0
VCC
2
15
A1
SDA
3
14
A2
SCL
4
13
I/O0
INT
5
12
I/O1
I/O7
6
11
I/O2
I/O6
7
10
I/O3
I/O5
8
9
VSS
I/O4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com