Electronic Components Datasheet Search
  English  ▼

X  

CAT9534 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT9534
Description  8-bit I짼C and SMBus I/O Port with Interrupt
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9534 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT9534 Datasheet HTML 1Page - ON Semiconductor CAT9534 Datasheet HTML 2Page - ON Semiconductor CAT9534 Datasheet HTML 3Page - ON Semiconductor CAT9534 Datasheet HTML 4Page - ON Semiconductor CAT9534 Datasheet HTML 5Page - ON Semiconductor CAT9534 Datasheet HTML 6Page - ON Semiconductor CAT9534 Datasheet HTML 7Page - ON Semiconductor CAT9534 Datasheet HTML 8Page - ON Semiconductor CAT9534 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CAT9534
Doc. No. MD-9004 Rev. D
4
© 2010 SCILLC. All rights reserved
Characteristics subject to change without notice
A.C. CHARACTERISTICS
VCC = 2.3 to 5.5V; TA = -40°C to +85°C, unless otherwise specified.
(1)
Symbol
Parameter
Standard I
2C
Fast I
2C
Units
Min
Max
Min
Max
FSCL
Clock Frequency
100
400
kHz
tHD:STA
START Condition Hold Time
4
0.6
µs
tLOW
Low Period of SCL Clock
4.7
1.3
µs
tHIGH
High Period of SCL Clock
4
0.6
µs
tSU:STA
START Condition Setup Time
4.7
0.6
µs
tHD:DAT
Data In Hold Time
0
0
µs
tSU:DAT
Data In Setup Time
250
100
ns
tR
(2)
SDA and SCL Rise Time
1000
300
ns
tF
(2)
SDA and SCL Fall Time
300
300
ns
tSU:STO
STOP Condition Setup Time
4
0.6
µs
tBUF
(2)
Bus Free Time Between STOP and START
4.7
1.3
µs
tAA
SCL Low to Data Out Valid
3.5
0.9
µs
tDH
Data Out Hold Time
100
50
ns
Ti
(2)
Noise Pulse Filtered at SCL and SDA Inputs
100
100
ns
Symbol
Parameter
Min
Max
Units
Port Timing
tPV
Output Data Valid
200
ns
tPS
Input Data Setup Time
100
ns
tPH
Input Data Hold Time
1
µs
Interrupt Timing
tIV
Interrupt Valid
4
µs
tIR
Interrupt Reset
4
µs
Notes:
(1)
Test conditions according to "AC Test Conditions" table.
(2)
This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com