Electronic Components Datasheet Search
  English  ▼

X  

CAT9552 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT9552
Description  16-Channel I2C-bus LED Driver with Programmable Blink Rate
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9552 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT9552 Datasheet HTML 1Page - ON Semiconductor CAT9552 Datasheet HTML 2Page - ON Semiconductor CAT9552 Datasheet HTML 3Page - ON Semiconductor CAT9552 Datasheet HTML 4Page - ON Semiconductor CAT9552 Datasheet HTML 5Page - ON Semiconductor CAT9552 Datasheet HTML 6Page - ON Semiconductor CAT9552 Datasheet HTML 7Page - ON Semiconductor CAT9552 Datasheet HTML 8Page - ON Semiconductor CAT9552 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CAT9552
16-Channel I
2C-bus LED Driver with
Programmable Blink Rate
FEATURES
16 LED drivers with On/Off and programmable
blink rate control
2 selectable, programmable blink rates:
– frequency: 0.172Hz to 44Hz
– duty cycle: 0% to 99.6%
16 open drain outputs drive 25mA each
I/Os can be used as GPIOs
400kHz I
2C bus compatible
2.3V to 5.5V operation
5V tolerant I/Os
Active low reset input
RoHS-compliant 24-Lead SOIC, TSSOP and
24-pad TQFN (4 x 4mm) packages
APPLICATIONS
Office machines
Appliance control panels
Alarm systems
Point of sale displays
DESCRIPTION
The CAT9552 is a 16-channel, parallel input/output
port expander optimized for LED On/Off and blinking
control. Each individual LED may be turned ON, OFF,
or set to blinking at one of two programmable rates.
The CAT9552 is compatible with I
2C and SMBus
applications where it is desireable to limit the bus
traffic or free-up the bus master’s internal timer. Three
address pins allow up to eight CAT9552 devices to
occupy the same bus.
The CAT9552 contains an internal oscillator and two
PWM signals, which drive the LED outputs. The user
may program the period and duty cycle for each
individual PWM signal. After an initial set-up command
to program the Blink Rate 1 and Blink Rate 2 (frequency
and duty cycle), only one command from the bus master
is required to turn each individual open drain output ON,
OFF, or cycle at Blink Rate 1 or Blink Rate 2. Each open
drain LED output can sink a maximum current of 25mA.
The total continuous current sunk by all I/Os must not
exceed 200mA per package.
TYPICAL APPLICATION CIRCUIT
CAT9552
GPIOs
I2C/SMBus
Master
VSS
A0
A1
A2
RS0
3 x 10kΩ
RS1
RS11
5 V
LED11
LED1
LED0
VCC
LED12
LED15
SDA
5 V
SCL
SDA
SCL
RESET
RESET
For Ordering Information details, see page 17.
Notes:
LED0 to LED11 are shown being used as LED drivers
LED12 to LED15 are used as standard GPIOs
© 2010 SCILLC. All rights reserved
1
Doc. No. MD-9005 Rev D
Characteristics subject to change without notice


Similar Part No. - CAT9552

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT9552 CATALYST-CAT9552 Datasheet
867Kb / 28P
Catalyst Semiconductor
logo
ON Semiconductor
CAT9552HV6I-G ONSEMI-CAT9552HV6I-G Datasheet
192Kb / 17P
16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev B
CAT9552HV6I-GT2 ONSEMI-CAT9552HV6I-GT2 Datasheet
192Kb / 17P
16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev B
CAT9552WI ONSEMI-CAT9552WI Datasheet
192Kb / 17P
16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev B
CAT9552WI-T1 ONSEMI-CAT9552WI-T1 Datasheet
192Kb / 17P
16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev B
More results

Similar Description - CAT9552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9550D PHILIPS-PCA9550D Datasheet
130Kb / 17P
2-bit I2C LED driver with programmable blink rates
2003 May 02
PCA9553 PHILIPS-PCA9553 Datasheet
130Kb / 18P
4-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9552 PHILIPS-PCA9552 Datasheet
166Kb / 21P
16-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9550 NXP-PCA9550 Datasheet
149Kb / 26P
2-bit I2C-bus LED driver with programmable blink rates
Rev. 05-13 October 2008
logo
ON Semiconductor
CAT9552WI ONSEMI-CAT9552WI Datasheet
192Kb / 17P
16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev B
logo
NXP Semiconductors
PCA9551 NXP-PCA9551 Datasheet
164Kb / 26P
8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
PCA9553 NXP-PCA9553 Datasheet
155Kb / 26P
4-bit I2C-bus LED driver with programmable blink rates
Rev. 06-29 December 2008
PCA9552 PHILIPS-PCA9552_06 Datasheet
167Kb / 28P
16-bit I2C-bus LED driver with programmable blink rates
Rev. 05-9 March 2006
PCA9551D-T NXP-PCA9551D-T Datasheet
164Kb / 26P
8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
PCA9552 NXP-PCA9552_V01 Datasheet
442Kb / 28P
16-bit I2C-bus LED driver with programmable blink rates
Rev. 5.1 - 25 May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com