Electronic Components Datasheet Search
  English  ▼

X  

CAT9552 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT9552
Description  16-Channel I2C-bus LED Driver with Programmable Blink Rate
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9552 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT9552 Datasheet HTML 1Page - ON Semiconductor CAT9552 Datasheet HTML 2Page - ON Semiconductor CAT9552 Datasheet HTML 3Page - ON Semiconductor CAT9552 Datasheet HTML 4Page - ON Semiconductor CAT9552 Datasheet HTML 5Page - ON Semiconductor CAT9552 Datasheet HTML 6Page - ON Semiconductor CAT9552 Datasheet HTML 7Page - ON Semiconductor CAT9552 Datasheet HTML 8Page - ON Semiconductor CAT9552 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CAT9552
D.C. OPERATING CHARACTERISTICS
VCC = 2.3 to 5.5V, VSS = 0V; TA = -40ºC to +85ºC, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VCC
Supply Voltage
2.3
—
5.5
V
ICC
Supply Current
Operating mode; VCC = 5.5V; no
load; fSCL = 100kHz
—
250
550
µA
Istb
Standby Current
Standby mode; VCC = 5.5V; no load;
VI = VSS or VCC, fSCL = 0kHz
—
2.1
5.0
µA
ΔIstb
Additional Standby Current
Standby mode; VCC = 5.5V; every
LED I/O = VIN = 4.3V, fSCL = 0kHz
—
—
2
mA
VPOR
(1)
Power-on Reset Voltage
VCC = 3.3V, No load;
VI = VCC or VSS
—
1.5
2.2
V
SCL, SDA, RESET
¯¯¯¯¯¯
VIL
(2)
Low Level Input Voltage
-0.5
—
0.3 VCC
V
VIH
(2)
High Level Input Voltage
0.7 VCC
—
5.5
V
IOL
Low Level Output Current
VOL = 0.4V
3
—
—
mA
IIL
Leakage Current
VI = VCC = VSS
-1
—
+1
µA
CI
(3)
Input Capacitance
VI = VSS
—
—
6
pF
CO
(3)
Output Capacitance
VO = VSS
—
—
8
pF
A0, A1, A2
VIL
(2)
Low Level Input Voltage
-0.5
—
0.8
V
VIH
(2)
High Level Input Voltage
2.0
—
5.5
V
IIL
Input Leakage Current
-1
—
1
µA
I/Os
VIL
(2)
Low Level Input Voltage
-0.5
—
0.8
V
VIH
(2)
High Level Input Voltage
2.0
—
5.5
V
VOL = 0.4V; VCC = 2.3V
9
—
—
VOL = 0.4V; VCC = 3.0V
12
—
—
VOL = 0.4V; VCC = 5.0V
15
—
—
VOL = 0.7V; VCC = 2.3V
15
—
—
VOL = 0.7V; VCC = 3.0V
20
—
—
IOL
(4)
Low Level Output Current
VOL = 0.7V; VCC = 5.0V
25
—
—
mA
IIL
Input Leakage Current
VCC = 3.6V; VI = VSS or VCC
-1
—
1
µA
CI/O
(3)
Input/Output Capacitance
—
—
8
pF
Notes:
(1) VDD must be lowered to 0.2V in order to reset the device.
(2) VIL min and VIH max are reference values only and are not tested.
(3) This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested.
(4) The output current must be limited to a maximum 25mA per each I/O; the total current sunk by all I/O must be limited to 200mA (or 100mA
for eight I/Os)
Doc. No. MD-9005 Rev D
4
© 2010 SCILLC. All rights reserved
Characteristics subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com