Electronic Components Datasheet Search
  English  ▼

X  

CAT9552WI Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT9552WI
Description  16-Channel I2C-bus LED Driver with Programmable Blink Rate
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9552WI Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT9552WI Datasheet HTML 4Page - ON Semiconductor CAT9552WI Datasheet HTML 5Page - ON Semiconductor CAT9552WI Datasheet HTML 6Page - ON Semiconductor CAT9552WI Datasheet HTML 7Page - ON Semiconductor CAT9552WI Datasheet HTML 8Page - ON Semiconductor CAT9552WI Datasheet HTML 9Page - ON Semiconductor CAT9552WI Datasheet HTML 10Page - ON Semiconductor CAT9552WI Datasheet HTML 11Page - ON Semiconductor CAT9552WI Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CAT9552
Acknowledge
After a successful data transfer, each receiving device
is required to generate an acknowledge. The
acknowledging device pulls down the SDA line during
the ninth clock cycle, signaling that it received the 8
bits of data. The SDA line remains stable LOW during
the HIGH period of the acknowledge related clock
pulse (Figure 4).
The CAT9552 responds with an acknowledge after
receiving a START condition and its slave address. If
the device has been selected along with a write
operation, it responds with an acknowledge after
receiving each 8- bit byte.
When the CAT9552 begins a READ mode it transmits
8 bits of data, releases the SDA line, and monitors the
line for an acknowledge. Once it receives this
acknowledge, the CAT9552 will continue to transmit
data. If no acknowledge is sent by the Master, the
device terminates data transmission and waits for a
STOP condition. The master must then issue a stop
condition to return the CAT9552 to the standby power
mode and place the device in a known state.
Registers and Bus Transactions
After the successful acknowledgement of the slave
address, the bus master will send a command byte to
the CAT9552 which will be stored in the Control
Register. The format of the Control Register is shown
in Figure 5.
The Control Register acts as a pointer to determine
which register will be written or read. The four least
significant bits, B0, B1, B2, B3, are used to select
which internal register is accessed, according
to the Table 1.
If the auto increment flag is set (AI = 1), the four least
significant
bits
of
the
Control
Register
are
automatically incremented after a read or write
operation. This allows the user to access the
CAT9552 internal registers sequentially. The content
of these bits will rollover to “0000” after the last
register is accessed.
Table 1. Internal Registers Selection
B3
B2
B1
B0
Register
Name
Type
Register
Function
0
0
0
0
INPUT0
READ
Input
Register 0
0
0
0
1
INPUT1
READ
Input
Register 1
0
0
1
0
PSC0
READ/
WRITE
Frequency
Prescaler 0
0
0
1
1
PWM0
READ/
WRITE
PWM
Register 0
0
1
0
0
PSC1
READ/
WRITE
Frequency
Prescaler 1
0
1
0
1
PWM1
READ/
WRITE
PWM
Register 1
0
1
1
0
LS0
READ/
WRITE
LED 0-3
Selector
0
1
1
1
LS1
READ/
WRITE
LED 4-7
Selector
1
0
0
0
LS2
READ/
WRITE
LED 8-11
Selector
1
0
0
1
LS3
READ/
WRITE
LED 12-15
Selector
ACKNOWLEDGE
1
START
SCL FROM
MASTER
89
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
Figure 4. Acknowledge Timing
00
0
AI
B3
B2
B1
B0
AUTO-INCREMENT FLAG
RESET STATE: 00h
REGISTER ADDRESS
Figure 5. Control Register
Doc. No. MD-9005 Rev D
8
© 2010 SCILLC. All rights reserved
Characteristics subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com