Electronic Components Datasheet Search
  English  ▼

X  

CAT9552WI Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT9552WI
Description  16-Channel I2C-bus LED Driver with Programmable Blink Rate
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9552WI Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT9552WI Datasheet HTML 6Page - ON Semiconductor CAT9552WI Datasheet HTML 7Page - ON Semiconductor CAT9552WI Datasheet HTML 8Page - ON Semiconductor CAT9552WI Datasheet HTML 9Page - ON Semiconductor CAT9552WI Datasheet HTML 10Page - ON Semiconductor CAT9552WI Datasheet HTML 11Page - ON Semiconductor CAT9552WI Datasheet HTML 12Page - ON Semiconductor CAT9552WI Datasheet HTML 13Page - ON Semiconductor CAT9552WI Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CAT9552
Write Operations
Data is transmitted to the CAT9552 registers using the
write sequence shown in Figure 6.
If the AI bit from the command byte is set to “1”, the
CAT9552 internal registers can be written sequentially.
After sending data to one register, the next data byte
will be sent to the next register sequentially
addressed.
Read Operations
The CAT9552 registers are read according to the
timing diagrams shown in Figure 7 and Figure 8. Data
from the register, defined by the command byte, will
be sent serially on the SDA line.
After the first byte is read, additional data bytes may
be read when the auto-increment flag, AI, is set. The
additional data byte will reflect the data read from the
next register sequentially addressed by the (B3, B2,
B1, B0) bits of the command byte.
When reading Input Port Registers (Figure 8), data is
clocked into the register on the failing edge of the
acknowledge clock pulse. The transfer is stopped
when the master will not acknowledge the data byte
received and issue the STOP condition.
LED Pins Used as General Purpose I/O
Any LED pins not used to drive LEDs can be used as
general purpose input/output, GPIO.
When used as input, the user should program the
corresponding LED pin to Hi-Z (“01” for the LSx
register bits). The pin state can be read via the
Input Register according to the sequence shown in
Figure 8.
For use as a logic output, an external pull-up resistor
should be connected to the pin. The value of the pull-
up resistor is calculated according to the DC operating
characteristics. To set the output high, the user has to
program the output Hi-Z writing “01” into the
corresponding LED Selector (LSx) register bits. The
output pin is set low when the output is programmed
low through the LSx register bits (“00” in LSx register
bits).
GPIO can also be used as PWM outputs by setting the
LED Selector (LSx) register to “10” or “11” to output
either
the
BLINK0
or
BLINK1
waveform.
12
SCL
WRITE TO
REGISTER
DATA OUT
FROM PORT
34
5
67
8
SDA
A
Slave Address
Data To Register 1
Start Condition
R/W Acknowledge
From Slave
Acknowledge
From Slave
Acknowledge
From Slave
9
Command Byte
1.0
A
Data To Register 2
S
1
1
0
0
A2 A1 A0
0
tpv
A
A
AI B3 B2 B1 B0
A
00
0
DAT
1
Figure 6. Write to Register Timing Diagram
Figure 7. Read from Register Timing Diagram
S
A
0
0
A2 A1 A0
1
1
0
0
A2 A1 A0
1
1
A
A
COMMAND BYTE
Acknowledge
From Slave
Acknowledge
From Slave
A
P
NA
Acknowledge
From Slave
Acknowledge
From Master
S
DATA
DATA
R/W
First Byte
Last Byte
No Acknowledge
From Master
1
Slave Address
Data From Register
Data From Register
Slave Address
MSB
LSB
MSB
LSB
0
Note:
Transfer can be stopped at any time by a STOP condition.
R/W
At This Moment Master-Transmitter
Becomes Master-receiver and
Slave-Receiver Becomes
Slave-Transmitter
Auto-increment
Register Address
If Al = 1
Doc. No. MD-9005 Rev D
10
© 2010 SCILLC. All rights reserved
Characteristics subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com