Electronic Components Datasheet Search
  English  ▼

X  

68HC805P18 Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # 68HC805P18
Description  SPECIFICATION (General Release)
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC805P18 Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button 68HC805P18 Datasheet HTML 93Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 94Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 95Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 96Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 97Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 98Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 99Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 100Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 111 page
background image
GENERAL RELEASE SPECIFICATION
ELECTRICAL SPECIFICATIONS
Rev. 1.0
8
2
3
4
5
6
7
8
9
10
11
12
13
14
A
16
17
18
19
20
13.6 DC Electrical Characteristics (V
DD = 5.0 Vdc ± 10%, VSS = 0 Vdc, TA = –40 °C to +125 °C)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
ILoad = 10.0 µA
VOL
VOH
—
VDD –0.1
—
—
0.1
—
V
Output High Voltage
(ILoad = –0.8 mA) PA0–PA7, PB5–PB7,
PC0–PC7, PD5/CKOUT
VOH
VDD –0.8
—
—
V
Output Low Voltage
(ILoad = 1.6 mA) PA0–PA7, PB5–PB7,
PC0–PC7, PD5/CKOUT
VOL
—
—
0.4
V
Input High Voltage
PA0–PA7, PB5–PB7, PC0–PC7, PD5/CKOUT,
TCAP/PD7, IRQ, RESET, OSC1
VIH
0.7 x VDD
—VDD
V
Input Low Voltage
PA0–PA7, PB5–PB7, PC0–PC7, PD5,
TCAP/PD7, IRQ, RESET, OSC1
VIL
VSS
—
0.2 x VDD
V
Supply Current
Run
Wait (see Note 3)
Stop (see Note 8)
25
°C
0
°C to +70 °C (Standard)
–40
°C to +85 °C (Extended)
–40
°C to +125 °C (Automotive
IDD
—
—
—
—
—
—
4.75
2.75
TBD
TBD
TBD
TBD
7.50
5.00
350
400
500
500
mA
mA
µA
µA
µA
µA
I/O Ports Hi-Z Leakage Current
PA0–PA7, PB5–PB7, PC0–PC7, PD5/CKOUT,
TCAP/PD7
IIL
——
±10
µA
I/O Ports Switch Resistance
(Pullup Enabled PA0–PA7)
RPTA
62
—
102
k
A/D Ports Hi-Z Leakage Current
PC3–PC7
IIL
——
±1
µA
Input Current
RESET, IRQ, OSC1
IIN
——
±1
µA
Capacitance
Ports (as Input or Output)
RESET, IRQ
COUT
CIN
—
—
—
—
12
8
pF
EEPROM Program/Erase Time (128 Byte Array)
Byte
Block (Erase Only)
Bulk (Erase Only)
—
—
—
2
5
10
10
15
50
ms
Low Voltage Reset Voltage
3.6
3.8
—
V
NOTES:
1. All values shown reflect average measurements.
2. Typical vlaues at midpoint of voltage range, 25
°C only.
3. Wait IDD with active systems: Timer, SIOP, and A/D.
4. Run (Operating) IDD, Wait IDD: Measured using external square wave clock source (fosc = 4.2 MHz), all
inputs 0.2 V from rail; no dc loads, less than 50 pF on all outputs, CL = 20 pF on OSC2
5. Wait, Stop IDD: All ports configured as inputs, VIL = 0.2 V, VIH = VDD –0.2 V
6. Stop IDD measured with OSC1 = VSS
7. Wait IDD is affected linearly by the OSC2 capacitance.
8. Stop IDD maximum values given with LVR option enabled.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com