Electronic Components Datasheet Search
  English  ▼

X  

68HC805P18 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 68HC805P18
Description  SPECIFICATION (General Release)
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC805P18 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 68HC805P18 Datasheet HTML 13Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 14Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 15Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 16Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 17Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 20Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 111 page
background image
GENERAL RELEASE SPECIFICATION
INTRODUCTION
MC68HC805P18
1-8
8
2
3
4
5
6
7
8
9
10
11
12
13
14
A
16
17
18
19
20
Depending on the programming option selected in the mask option register 1
(MOR1), the IRQ pin will trigger this interrupt on either a negative-going edge at
the IRQ pin and/or while the IRQ pin is held in the low state. In either case, the IRQ
pin must be held low for at least one tILIH time period. If the edge- and
level-sensitive edge is programmed in the MOR1,the IRQ input requires an
external resistor connected to V
DD for wired-OR operation. If the IRQ pin is not
used, it must be tied to the VDD supply. The IRQ pin contains an internal Schmitt
trigger as part of its input circuitry to improve noise immunity. For further
information, refer to SECTION 4 INTERRUPTS.
NOTE
If the voltage level applied to the IRQ pin exceeds VDD, it may affect
the MCU’s mode of operation. See SECTION 6 OPERATING
MODES.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com