Electronic Components Datasheet Search
  English  ▼

X  

TD350ID Datasheet(PDF) 9 Page - STMicroelectronics

Part # TD350ID
Description  Advanced IGBT/MOSFET driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD350ID Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TD350ID Datasheet HTML 5Page - STMicroelectronics TD350ID Datasheet HTML 6Page - STMicroelectronics TD350ID Datasheet HTML 7Page - STMicroelectronics TD350ID Datasheet HTML 8Page - STMicroelectronics TD350ID Datasheet HTML 9Page - STMicroelectronics TD350ID Datasheet HTML 10Page - STMicroelectronics TD350ID Datasheet HTML 11Page - STMicroelectronics TD350ID Datasheet HTML 12Page - STMicroelectronics TD350ID Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TD350
Functional description
Doc ID 9525 Rev 6
9/17
5.6
Minimum ON time
In order to ensure the proper operation of the 2-level turn-off function, the input ON time
(Twin) must be greater than the Twinmin value:
Twinmin=Ta+2*Rdel*Coff
Rdel is the internal discharge resistor and Coff is the external timing capacitor.
Input signals smaller than Ta are ignored. Input signals larger than Twinmin are transmitted to
the output stage after the Ta delay with minimum width distortion (ΔTw=Twout-Twin).
For an input signal width Twin between Ta and Twinmin, the output width Twout is reduced
below Twin (pulse distortion) and the IGBT could be partially turned on. These input signals
should be avoided during normal operation.
5.7
Output
The output stage is able to sink 2.3 A and source 1.5 A typical at 25 °C (1.2 A/0.75 A
minimum over the full temperature range). Separated sink and source outputs allow
independent gate charge and discharge control without an extra external diode.
5.8
Fault status output
Fault output is used to signal a fault event (desaturation, UVLO) to a controller. The fault pin
is designed to drive an optocoupler.
5.9
Undervoltage protection
Undervoltage detection protects the application in the event of a low VH supply voltage
(during start-up or a fault situation). During undervoltage, the OUTH pin is open and the
OUTL pin is driven low (active pull-down for VH>2 V, passive pull-down for VH<2 V). Fault
output signals the undervoltage state and is reset only when undervoltage state disappears.
Figure 3.
Undervoltage protection
VH
OUT
2V
UVH
UVL
Vccmin
FAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com