Electronic Components Datasheet Search
  English  ▼

X  

TD350ID Datasheet(PDF) 5 Page - STMicroelectronics

Part # TD350ID
Description  Advanced IGBT/MOSFET driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD350ID Datasheet(HTML) 5 Page - STMicroelectronics

  TD350ID Datasheet HTML 1Page - STMicroelectronics TD350ID Datasheet HTML 2Page - STMicroelectronics TD350ID Datasheet HTML 3Page - STMicroelectronics TD350ID Datasheet HTML 4Page - STMicroelectronics TD350ID Datasheet HTML 5Page - STMicroelectronics TD350ID Datasheet HTML 6Page - STMicroelectronics TD350ID Datasheet HTML 7Page - STMicroelectronics TD350ID Datasheet HTML 8Page - STMicroelectronics TD350ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TD350
Absolute maximum ratings
Doc ID 9525 Rev 6
5/17
3
Absolute maximum ratings
Table 3.
Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
VHL
Maximum supply voltage (VH - VL)
28
V
VH
Maximum VH voltage vs. GND
28
V
VL
Minimum VL voltage vs. GND
-12
V
Vout
Voltage on OUTH, OUTL, CLAMP pins
VL-0.3 to VH+0.3
V
Vdes
Voltage on DESAT, FAULT, LVOFF pin
-0.3 to VH+0.3
V
Vother
Voltage on other pins (IN, COFF, VREF)
-0.3 to 7
V
Pd
Power dissipation
500
mW
Tstg
Storage temperature
-55 to 150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction-ambient
125
°C/W
Rthjc
Thermal resistance junction-case
22
°C/W
ESD
Electrostatic discharge (HBM)
2
kV
Table 4.
Operating conditions
Symbol
Parameter
Value
Unit
VH
Positive supply voltage vs. GND
UVLO to 26
V
VL
Negative supply voltage vs. GND
0 to -10
V
VH-VL
Maximum total supply voltage
26
V
Toper
Operating free air temperature range
-40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com