Electronic Components Datasheet Search
  English  ▼

X  

TD350 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TD350
Description  Advanced IGBT/MOSFET driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD350 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TD350 Datasheet HTML 7Page - STMicroelectronics TD350 Datasheet HTML 8Page - STMicroelectronics TD350 Datasheet HTML 9Page - STMicroelectronics TD350 Datasheet HTML 10Page - STMicroelectronics TD350 Datasheet HTML 11Page - STMicroelectronics TD350 Datasheet HTML 12Page - STMicroelectronics TD350 Datasheet HTML 13Page - STMicroelectronics TD350 Datasheet HTML 14Page - STMicroelectronics TD350 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TD350
Timing diagrams
Doc ID 9525 Rev 6
11/17
6
Timing diagrams
Figure 5.
Turn-on and turn-off
Figure 6.
Minimum ON time
Figure 7.
Desaturation fault
IN
OUT
Vce
VH level
Vge
VH level
VL level
CLAMP
VL level
Ta
Ta
Clamp threshold
LVOFF
COFF
Open
Twin
Twout
Miller plateau
IN
OUT
Ta<Tin<Twinmin
2.5V
VH level
COFF
CLAMP
VL level
Ta
LVOFF
Open
Ta
Ta
Tin<Ta
Tin>Twinmin
IN
OUT
DESAT
2.5V
VH level
COFF
FAULT
VL level
Ta
Ta
7V
open
LVOFF
Ta
Desat Blanking Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com