Electronic Components Datasheet Search
  English  ▼

X  

TD350 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TD350
Description  Advanced IGBT/MOSFET driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD350 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TD350 Datasheet HTML 8Page - STMicroelectronics TD350 Datasheet HTML 9Page - STMicroelectronics TD350 Datasheet HTML 10Page - STMicroelectronics TD350 Datasheet HTML 11Page - STMicroelectronics TD350 Datasheet HTML 12Page - STMicroelectronics TD350 Datasheet HTML 13Page - STMicroelectronics TD350 Datasheet HTML 14Page - STMicroelectronics TD350 Datasheet HTML 15Page - STMicroelectronics TD350 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Typical performance curves
TD350
12/17
Doc ID 9525 Rev 6
7
Typical performance curves
Figure 8.
Supply current vs temperature
Figure 9.
Low level output voltage vs temp.
Figure 10.
Desaturation threshold vs temp.
Figure 11.
Voltage reference vs temp.
Figure 12.
High level output voltage vs temp.
Figure 13.
Desaturation source current vs
temp.
0.0
1.0
2.0
3.0
4.0
5.0
-50
-25
0
25
50
75
100
125
Temp (°C)
0.0
1.0
2.0
3.0
-50
-25
0
25
50
75
100
125
Temp (°C)
Iosink=20mA
Iosink=200mA
Iosink=500mA
0.0
1.0
2.0
3.0
-50
-25
0
25
50
75
100
125
Temp (°C)
Iosink=20mA
Iosink=200mA
Iosink=500mA
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
Temp (°C)
4.80
4.90
5.00
5.10
5.20
-50
-25
0
25
50
75
100
125
Temp (°C)
0.0
1.0
2.0
3.0
4.0
-50
-25
0
255075
100
125
Temp (°C)
Iosource=20mA
Iosource=200mA
Iosource=500mA
0.0
1.0
2.0
3.0
4.0
-50
-25
0
255075
100
125
Temp (°C)
Iosource=20mA
Iosource=200mA
Iosource=500mA
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temp (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com