Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA8 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATMEGA8
Description  8-bit with 8K Bytes In-System Programmable Flash
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATMEGA8 Datasheet HTML 9Page - ATMEL Corporation ATMEGA8 Datasheet HTML 10Page - ATMEL Corporation ATMEGA8 Datasheet HTML 11Page - ATMEL Corporation ATMEGA8 Datasheet HTML 12Page - ATMEL Corporation ATMEGA8 Datasheet HTML 13Page - ATMEL Corporation ATMEGA8 Datasheet HTML 14Page - ATMEL Corporation ATMEGA8 Datasheet HTML 15Page - ATMEL Corporation ATMEGA8 Datasheet HTML 16Page - ATMEL Corporation ATMEGA8 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
2486XS–AVR–06/10
ATmega8(L)
Ordering Information
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also
Halide free and fully Green.
Speed (MHz)
Power Supply
Ordering Code(2)
Package(1)
Operation Range
8
2.7 - 5.5
ATmega8L-8AU
ATmega8L-8PU
ATmega8L-8MU
32A
28P3
32M1-A
Industrial
(-40°C to 85°C)
16
4.5 - 5.5
ATmega8-16AU
ATmega8-16PU
ATmega8-16MU
32A
28P3
32M1-A
Package Type
32A
32-lead, Thin (1.0 mm) Plastic Quad Flat Package (TQFP)
28P3
28-lead, 0.300” Wide, Plastic Dual Inline Package (PDIP)
32M1-A
32-pad, 5 x 5 x 1.0 body, Lead Pitch 0.50 mm Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com