Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA8 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATMEGA8
Description  8-bit with 8K Bytes In-System Programmable Flash
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATMEGA8 Datasheet HTML 17Page - ATMEL Corporation ATMEGA8 Datasheet HTML 18Page - ATMEL Corporation ATMEGA8 Datasheet HTML 19Page - ATMEL Corporation ATMEGA8 Datasheet HTML 20Page - ATMEL Corporation ATMEGA8 Datasheet HTML 21Page - ATMEL Corporation ATMEGA8 Datasheet HTML 22Page - ATMEL Corporation ATMEGA8 Datasheet HTML 23Page - ATMEL Corporation ATMEGA8 Datasheet HTML 24Page - ATMEL Corporation ATMEGA8 Datasheet HTML 25Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
2486XS–AVR–06/10
ATmega8(L)
Changes from Rev.
2486L-10/03 to
Rev. 2486M-12/03
1.
Updated “Calibrated Internal RC Oscillator” on page 30.
Changes from Rev.
2486K-08/03 to
Rev. 2486L-10/03
1.
Removed “Preliminary” and TBDs from the datasheet.
2.
Renamed ICP to ICP1 in the datasheet.
3.
Removed instructions CALL and JMP from the datasheet.
4.
Updated t
RST in Table 15 on page 38, VBG in Table 16 on page 42, Table 100 on page
244 and Table 102 on page 246.
5.
Replaced text “XTAL1 and XTAL2 should be left unconnected (NC)” after Table 9 in
“Calibrated Internal RC Oscillator” on page 30. Added text regarding XTAL1/XTAL2
and CKOPT Fuse in “Timer/Counter Oscillator” on page 32.
6.
Updated Watchdog Timer code examples in “Timed Sequences for Changing the
Configuration of the Watchdog Timer” on page 45.
7.
Removed bit 4, ADHSM, from “Special Function IO Register – SFIOR” on page 58.
8.
Added note 2 to Figure 103 on page 215.
9.
Updated item 4 in the “Serial Programming Algorithm” on page 238.
10. Added t
WD_FUSE to Table 97 on page 239 and updated Read Calibration Byte, Byte 3, in
Table 98 on page 240.
11. Updated Absolute Maximum Ratings* and DC Characteristics in “Electrical Character-
istics” on page 242.
Changes from Rev.
2486J-02/03 to
Rev. 2486K-08/03
1.
Updated V
BOT values in Table 15 on page 38.
2.
Updated “ADC Characteristics” on page 248.
3.
Updated “ATmega8 Typical Characteristics” on page 249.
4.
Updated “Errata” on page 17.
Changes from Rev.
2486I-12/02 to Rev.
2486J-02/03
1.
Improved the description of “Asynchronous Timer Clock – clkASY” on page 26.
2.
Removed reference to the “Multipurpose Oscillator” application note and the “32 kHz
Crystal Oscillator” application note, which do not exist.
3.
Corrected OCn waveforms in Figure 38 on page 90.
4.
Various minor Timer 1 corrections.
5.
Various minor TWI corrections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com