Electronic Components Datasheet Search
  English  ▼

X  

8M26 Datasheet(PDF) 4 Page - 3M Electronics

Part # 8M26
Description  3M™ Mini Serial Attached SCSI (miniSAS) Cable Assembly External, Signal, Straight Termination
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8M26 Datasheet(HTML) 4 Page - 3M Electronics

  8M26 Datasheet HTML 1Page - 3M Electronics 8M26 Datasheet HTML 2Page - 3M Electronics 8M26 Datasheet HTML 3Page - 3M Electronics 8M26 Datasheet HTML 4Page - 3M Electronics 8M26 Datasheet HTML 5Page - 3M Electronics 8M26 Datasheet HTML 6Page - 3M Electronics 8M26 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Mini Serial Attached SCSI (miniSAS) Cable Assembly
External, Signal, Straight Termination
8M26 Series
TS-2212-B
Sheet 4 of 4
Ordering Information
8M26 - AA04XX - X.XX
P1
P2
A1
GND
B1
GND
A2
Rx 0+
B2
Tx 0+
A3
Rx 0-
B3
Tx 0-
A4
GND
B4
GND
A5
Rx 1+
B5
Tx 1+
A6
Rx
B6
Tx 1-
A7
GND
B7
GND
A8
Rx 2+
B8
Tx 2+
A9
Rx 2-
B9
Tx 2-
A10
GND
B10
GND
A11
Rx 3+
B11
Tx 3+
A12
Rx 3-
B12
Tx 3-
A13
GND
B13
GND
P1
P2
B1
GND
A1
GND
B2
Tx 0+
A2
Rx 0+
B3
Tx 0-
A3
Rx 0-
B4
GND
A4
GND
B5
Tx 1+
A5
Rx 1+
B6
Tx 1-
A6
Rx
B7
GND
A7
GND
B8
Tx 2+
A8
Rx 2+
B9
Tx 2-
A9
Rx 2-
B10
GND
A10
GND
B11
Tx 3+
A11
Rx 3+
B12
Tx 3-
A12
Rx 3-
B13
GND
A13
GND
Pinout
(RIA E1 & C1 Apply)
1
Keying options:
01 = Both ends: keys 2, 4, 6
02 = P1: keys 2, 4; P2: keys 4, 6
2
Length in meters:
0.25 m
0.50 m
1.00 m
2.00 m
3.00 m
4.00 m
1 If other keying options are desired, contact your local 3M sales representative.
2 If other lengths are desired, contact your local 3M sales representative.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com