Electronic Components Datasheet Search
  English  ▼

X  

8M26 Datasheet(PDF) 3 Page - 3M Electronics

Part # 8M26
Description  3M™ Mini Serial Attached SCSI (miniSAS) Cable Assembly External, Signal, Straight Termination
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8M26 Datasheet(HTML) 3 Page - 3M Electronics

  8M26 Datasheet HTML 1Page - 3M Electronics 8M26 Datasheet HTML 2Page - 3M Electronics 8M26 Datasheet HTML 3Page - 3M Electronics 8M26 Datasheet HTML 4Page - 3M Electronics 8M26 Datasheet HTML 5Page - 3M Electronics 8M26 Datasheet HTML 6Page - 3M Electronics 8M26 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Mini Serial Attached SCSI (miniSAS) Cable Assembly
External, Signal, Straight Termination
8M26 Series
TS-2212-B
Sheet 3 of 4
KEY 2, 4
KEYWAY #6 CL
KEYWAY #7 CL
KEYWAY #1 CL
KEYWAY #2 CL
KEYWAY #3 CL
KEYWAY #4 CL
KEYWAY #5 CL
1.20
[.047]
2.40
[.094]
6.00
[.236]
1.20
[.047]
2.40
[.094]
6.00
[.236]
KEY 4, 6
KEY 2, 4, 6
VIEW A
Cable size
Cable length
30 AWG
.5 m & less
28 AWG
1 m, 2 m, 3 m, 4 m
OUT PORT
IN PORT
“UNIVERSAL” KEYED



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com