Electronic Components Datasheet Search
  English  ▼

X  

PC9S12XEP100J1MVLR Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # PC9S12XEP100J1MVLR
Description  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC9S12XEP100J1MVLR Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button PC9S12XEP100J1MVLR Datasheet HTML 31Page - Freescale Semiconductor, Inc PC9S12XEP100J1MVLR Datasheet HTML 32Page - Freescale Semiconductor, Inc PC9S12XEP100J1MVLR Datasheet HTML 33Page - Freescale Semiconductor, Inc PC9S12XEP100J1MVLR Datasheet HTML 34Page - Freescale Semiconductor, Inc PC9S12XEP100J1MVLR Datasheet HTML 35Page - Freescale Semiconductor, Inc PC9S12XEP100J1MVLR Datasheet HTML 36Page - Freescale Semiconductor, Inc PC9S12XEP100J1MVLR Datasheet HTML 37Page - Freescale Semiconductor, Inc PC9S12XEP100J1MVLR Datasheet HTML 38Page - Freescale Semiconductor, Inc PC9S12XEP100J1MVLR Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 1324 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
35
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
Figure 1-2. MC9S12XE100 Global Memory Map
0x7F_FFFF
0x00_0000
0x13_FFFF
0x0F_FFFF
256 K EEEPROM
RAM
0x00_07FF
EPAGE
RPAGE
PPAGE
0x3F_FFFF
CPU and BDM
Local Memory Map
Global Memory Map
0x1F_FFFF
0xFFFF
Reset Vectors
0xC000
0x8000
Unpaged
0x4000
0x1000
0x0000
16K FLASH window
0x0C00
0x2000
0x0800
8K RAM
4K RAM window
1K EEPROM
2K REGISTERS
1K EEPROM window
16K FLASH
Unpaged
16K FLASH
2K REGISTERS
Unimplemented
RAM
External
Space
RAM_LOW
FLASH
FLASH_LOW
Unimplemented
FLASH
RESOURCES
NOTE: On smaller derivatives the flash
memory map is split into 2 ranges separated
by an unimplemeted range, as depicted by
the dashed lines. For more information
refer to tables below and MMC section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com