Electronic Components Datasheet Search
  English  ▼

X  

PC9S12XEP100J1MVLR Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # PC9S12XEP100J1MVLR
Description  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC9S12XEP100J1MVLR Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button PC9S12XEP100J1MVLR Datasheet HTML 69Page - Freescale Semiconductor, Inc PC9S12XEP100J1MVLR Datasheet HTML 70Page - Freescale Semiconductor, Inc PC9S12XEP100J1MVLR Datasheet HTML 71Page - Freescale Semiconductor, Inc PC9S12XEP100J1MVLR Datasheet HTML 72Page - Freescale Semiconductor, Inc PC9S12XEP100J1MVLR Datasheet HTML 73Page - Freescale Semiconductor, Inc PC9S12XEP100J1MVLR Datasheet HTML 74Page - Freescale Semiconductor, Inc PC9S12XEP100J1MVLR Datasheet HTML 75Page - Freescale Semiconductor, Inc PC9S12XEP100J1MVLR Datasheet HTML 76Page - Freescale Semiconductor, Inc PC9S12XEP100J1MVLR Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 1324 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
73
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
1.2.4.4
VDDF — NVM Power Pin
Power is supplied to the MCU NVM through VDDF . The voltage supply of nominally 2.8V is derived
from the internal voltage regulator. No static external loading of these pins is permitted.
1.2.4.5
VDDA2, VDDA1, VSSA2, VSSA1 — Power Supply Pins for ATD and
Voltage Regulator
These are the power supply and ground input pins for the analog-to-digital converters and the voltage
regulator. Internally the VDDA pins are connected together. Internally the VSSA pins are connected
together.
1.2.4.6
VRH, VRL — ATD Reference Voltage Input Pins
VRH and VRL are the reference voltage input pins for the analog-to-digital converter.
1.2.4.7
VDDPLL, VSSPL — Power Supply Pins for PLL
These pins provide operating voltage and ground for the oscillator and the phased-locked loop. The voltage
supply of nominally 1.8V is derived from the internal voltage regulator. This allows the supply voltage to
the oscillator and PLL to be bypassed independently. This voltage is generated by the internal voltage
regulator. No static external loading of these pins is permitted.
Table 1-11. Power and Ground Connection Summary
Mnemonic
Nominal
Voltage
Description
VDDR
5.0 V
External power supply to internal voltage
regulator
VDDX[7:1]
5.0 V
External power and ground, supply to pin
drivers
VSSX[7:1]
0 V
VDDA2,
VDDA1
5.0 V
Operating voltage and ground for the
analog-to-digital converters and the
reference for the internal voltage regulator,
allows the supply voltage to the A/D to be
bypassed independently.
VSSA2,
VSSA1
0 V
VRL
0 V
Reference voltages for the analog-to-digital
converter.
VRH
5.0 V
VDD
1.8 V
Internal power and ground generated by
internal regulator for the internal core.
VSS1, VSS2,
VSS3
0V
VDDF
2.8 V
Internal power and ground generated by
internal regulator for the internal NVM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com