Electronic Components Datasheet Search
  English  ▼

X  

LMV321 Datasheet(PDF) 9 Page - ON Semiconductor

Part # LMV321
Description  Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV321 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LMV321 Datasheet HTML 5Page - ON Semiconductor LMV321 Datasheet HTML 6Page - ON Semiconductor LMV321 Datasheet HTML 7Page - ON Semiconductor LMV321 Datasheet HTML 8Page - ON Semiconductor LMV321 Datasheet HTML 9Page - ON Semiconductor LMV321 Datasheet HTML 10Page - ON Semiconductor LMV321 Datasheet HTML 11Page - ON Semiconductor LMV321 Datasheet HTML 12Page - ON Semiconductor LMV321 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LMV321, LMV358, LMV324
http://onsemi.com
9
TYPICAL CHARACTERISTICS
(TA = 25°C and VS = 5 V unless otherwise specified)
0
10
20
30
40
50
60
70
80
90
100
110
0
12345
Figure 21. Source Current vs. Output Voltage
VS = 5.0 V
VOUT REFERENCED TO V+ (V)
Figure 22. Settling Time vs. Capacitive Load
Figure 23. Settling Time vs. Capacitive Load
Figure 24. Step Response − Small Signal
Non−Inverting (G = +1)
Figure 25. Step Response − Small Signal
Inverting (G = −1)
Figure 26. Step Response − Large Signal
Non−Inverting (G = +1)
RL = 2 kW
AV = 1
50 mV/div
2 ms/div
RL = 1 MW
AV = 1
50 mV/div
2 ms/div
50 mV/div
2 ms/div
Output
Input
50 mV/div
2 ms/div
Output
Input
1 V/div
2 ms/div
Output
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com