Electronic Components Datasheet Search
  English  ▼

X  

LMV321 Datasheet(PDF) 4 Page - ON Semiconductor

Part # LMV321
Description  Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV321 Datasheet(HTML) 4 Page - ON Semiconductor

  LMV321 Datasheet HTML 1Page - ON Semiconductor LMV321 Datasheet HTML 2Page - ON Semiconductor LMV321 Datasheet HTML 3Page - ON Semiconductor LMV321 Datasheet HTML 4Page - ON Semiconductor LMV321 Datasheet HTML 5Page - ON Semiconductor LMV321 Datasheet HTML 6Page - ON Semiconductor LMV321 Datasheet HTML 7Page - ON Semiconductor LMV321 Datasheet HTML 8Page - ON Semiconductor LMV321 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LMV321, LMV358, LMV324
http://onsemi.com
4
2.7 V DC ELECTRICAL CHARACTERISTICS (Unless otherwise specified, all limits are guaranteed for TA = 25°C, V+ = 2.7 V,
RL = 1 MW, V− = 0 V, VO = V+/2)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Offset Voltage
VIO
TA = −40°C to +85°C
1.7
9
mV
Input Offset Voltage Average Drift
ICVOS
TA = −40°C to +85°C
5
mV/°C
Input Bias Current
IB
TA = −40°C to +85°C
<1
nA
Input Offset Current
IIO
TA = −40°C to +85°C
<1
nA
Common Mode Rejection Ratio
CMRR
0 V v VCM v 1.7 V
50
63
dB
Power Supply Rejection Ratio
PSRR
2.7 V v V+ v 5 V,
VO = 1 V
50
60
dB
Input Common−Mode Voltage Range
VCM
For CMRR w 50 dB
0 to 1.7
−0.2 to 1.9
V
Output Swing
VOH
RL = 10 kW to 1.35 V
VCC − 100
VCC − 10
mV
VOL
RL = 10 kW to 1.35 V (Note 2)
60
180
mV
Supply Current
LMV321
LMV358 (Both Amplifiers)
LMV324 (4 Amplifiers)
ICC
80
140
260
185
340
680
mA
2.7 V AC ELECTRICAL CHARACTERISTICS (Unless otherwise specified, all limits are guaranteed for TA = 25°C, V+ = 2.7 V,
RL = 1 MW, V− = 0 V, VO = V+/2)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Gain Bandwidth Product
GBWP
CL = 200 pF
1
MHz
Phase Margin
Qm
60
°
Gain Margin
Gm
10
dB
Input−Referred Voltage Noise
en
f = 50 kHz
50
nV/√Hz
2. Guaranteed by design and/or characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com