Electronic Components Datasheet Search
  English  ▼

X  

MBR745 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR745
Description  SWITCHMODE??Power Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR745 Datasheet(HTML) 2 Page - ON Semiconductor

  MBR745 Datasheet HTML 1Page - ON Semiconductor MBR745 Datasheet HTML 2Page - ON Semiconductor MBR745 Datasheet HTML 3Page - ON Semiconductor MBR745 Datasheet HTML 4Page - ON Semiconductor MBR745 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBR735, MBR745
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
MBR735
MBR745
VRRM
VRWM
VR
35
45
V
Average Rectified Forward Current
(TC = 164°C)
Per Device
IF(AV)
7.5
A
Peak Repetitive Forward Current, (Square Wave, 20 kHz, TC = 168°C)
IFRM
7.5
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz)
IFSM
150
A
Peak Repetitive Reverse Surge Current (2.0 ms, 1.0 kHz)
IRRM
1.0
A
Storage Temperature Range
Tstg
−65 to +175
°C
Operating Junction Temperature (Note 1)
TJ
−65 to +175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/ms
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may
affect device reliability.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Thermal Resistance, Junction−to−Case
RqJC
3.0
°C/W
Maximum Thermal Resistance, Junction−to−Ambient
RqJA
60
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Maximum Instantaneous Forward Voltage (Note 2)
(iF = 7.5 Amps, TJ = 125°C)
(iF = 15 Amps, TJ = 125°C)
(iF = 15 Amps, TJ = 25°C)
vF
−
−
−
0.48
0.61
0.68
0.57
0.72
0.84
V
Maximum Instantaneous Reverse Current (Note 2)
(Rated dc Voltage, TJ = 125°C)
(Rated dc Voltage, TJ = 25°C)
iR
−
−
10
0.03
15
0.1
mA
2. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com