Electronic Components Datasheet Search
  English  ▼

X  

MBR745 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MBR745
Description  SWITCHMODE??Power Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR745 Datasheet(HTML) 4 Page - ON Semiconductor

  MBR745 Datasheet HTML 1Page - ON Semiconductor MBR745 Datasheet HTML 2Page - ON Semiconductor MBR745 Datasheet HTML 3Page - ON Semiconductor MBR745 Datasheet HTML 4Page - ON Semiconductor MBR745 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MBR735, MBR745
http://onsemi.com
4
Figure 4. Current Derating, Case, Per Leg
Figure 5. Current Derating, Ambient, Per Leg
Figure 6. Forward Power Dissipation
TC, CASE TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
IF(AV), AVERAGE FORWARD CURRENT (A)
0
2
4
6
8
155
160
165
170
175
180
SQUARE
0
2
4
6
8
0
25
50
75
100
125
150
175
dc
dc
SQUARE
WAVE
RqJA = 16°C/W
RqJA = 60°C/W
(No Heat Sink)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0246 8 10 12 14 16 18 20 22 24 26 28 30
SQUARE
WAVE
dc
TJ = 25°C
0
100
200
300
400
500
600
700
800
900
1000
0
1020
30
4050
Figure 7. Typical Capacitance
VR, REVERSE VOLTAGE (V)
TJ = 25°C
f = 1 MHz
140
145
150
10
12
14
dc
10
12
14



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com