Electronic Components Datasheet Search
  English  ▼

X  

MTP12P10 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MTP12P10
Description  Power MOSFET 12 Amps, 100 Volts P?묬hannel TO??20
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTP12P10 Datasheet(HTML) 2 Page - ON Semiconductor

  MTP12P10 Datasheet HTML 1Page - ON Semiconductor MTP12P10 Datasheet HTML 2Page - ON Semiconductor MTP12P10 Datasheet HTML 3Page - ON Semiconductor MTP12P10 Datasheet HTML 4Page - ON Semiconductor MTP12P10 Datasheet HTML 5Page - ON Semiconductor MTP12P10 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MTP12P10
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Drain−Source Breakdown Voltage (VGS = 0, ID = 0.25 mA)
V(BR)DSS
100
−
Vdc
Zero Gate Voltage Drain Current
(VDS = Rated VDSS, VGS = 0)
(VDS = Rated VDSS, VGS = 0, TJ = 125°C)
IDSS
−
−
10
100
mAdc
Gate−Body Leakage Current, Forward (VGSF = 20 Vdc, VDS = 0)
IGSSF
−
100
nAdc
Gate−Body Leakage Current, Reverse (VGSR = 20 Vdc, VDS = 0)
IGSSR
−
100
nAdc
ON CHARACTERISTICS (Note 1)
Gate Threshold Voltage (VDS = VGS, ID = 1.0 mA)
TJ = 100°C
VGS(th)
2.0
1.5
4.5
4.0
Vdc
Static Drain−Source On−Resistance (VGS = 10 Vdc, ID = 6.0 Adc)
RDS(on)
−
0.3
W
Drain−Source On−Voltage (VGS = 10 V)
(ID = 12 Adc)
(ID = 6.0 Adc, TJ = 100°C)
VDS(on)
−
−
4.2
3.8
Vdc
Forward Transconductance (VDS = 15 V, ID = 6.0 A)
gFS
2.0
−
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 V, VGS = 0, f = 1.0 MHz)
See Figure 10
Ciss
−
920
pF
Output Capacitance
Coss
−
575
Reverse Transfer Capacitance
Crss
−
200
SWITCHING CHARACTERISTICS (Note 1) (TJ = 100°C)
Turn−On Delay Time
(VDD = 25 V, ID = 0.5 Rated ID, RG = 50 W)
See Figures 12 and 13
td(on)
−
50
ns
Rise Time
tr
−
150
Turn−Off Delay Time
td(off)
−
150
Fall Time
tf
−
150
Total Gate Charge
(VDS = 0.8 Rated VDSS, ID = Rated ID, VGS = 10 V)
See Figure 11
Qg
33 (Typ)
50
nC
Gate−Source Charge
Qgs
16 (Typ)
−
Gate−Drain Charge
Qgd
17 (Typ)
−
SOURCE−DRAIN DIODE CHARACTERISTICS (Note 1)
Forward On−Voltage
(IS = Rated ID, VGS = 0)
VSD
4.0 (Typ)
5.5
Vdc
Forward Turn−On Time
ton
Limited by stray inductance
Reverse Recovery Time
trr
300
(Typ)
−
ns
INTERNAL PACKAGE INDUCTANCE (TO−204)
Internal Drain Inductance, (Measured from the contact screw on the header closer to the
source pin and the center of the die)
Ld
5.0 (Typ)
−
nH
Internal Source Inductance
(Measured from the source pin, 0.25
″ from the package
to the source bond pad)
Ls
12.5
(Typ)
−
INTERNAL PACKAGE INDUCTANCE (TO−220)
Internal Drain Inductance
(Measured from the contact screw on tab to center of die)
(Measured from the drain lead 0.25
″ from package to center of die)
Ld
3.5 (Typ)
4.5 (Typ)
−
−
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
Ls
7.5 (Typ)
−
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com