Electronic Components Datasheet Search
  English  ▼

X  

MTP12P10 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MTP12P10
Description  Power MOSFET 12 Amps, 100 Volts P?묬hannel TO??20
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTP12P10 Datasheet(HTML) 3 Page - ON Semiconductor

  MTP12P10 Datasheet HTML 1Page - ON Semiconductor MTP12P10 Datasheet HTML 2Page - ON Semiconductor MTP12P10 Datasheet HTML 3Page - ON Semiconductor MTP12P10 Datasheet HTML 4Page - ON Semiconductor MTP12P10 Datasheet HTML 5Page - ON Semiconductor MTP12P10 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MTP12P10
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
TJ, JUNCTION TEMPERATURE (°C)
Figure 2. Gate−Threshold Voltage Variation
With Temperature
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 3. Transfer Characteristics
TJ, JUNCTION TEMPERATURE (°C)
Figure 4. Normalized Breakdown Voltage
versus Temperature
ID, DRAIN CURRENT (AMPS)
Figure 5. On−Resistance versus Drain Current
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. On−Resistance Variation
With Temperature
20
18
16
14
12
10
8
6
4
2
0
10
9
8
7
6
5
4
3
2
1
0
1.2
1.1
1
0.9
0.8
−50
−25
0
25
50
75
100
125
150
20
16
12
8
4
0
20
16
12
8
4
0
2
1.6
1.2
0.8
0.4
0
−50
−75
0
25
50
75
100
125
150
0.5
0.4
0.3
0.2
0.1
0
40
36
32
28
24
20
16
12
8
4
0
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
−50
−25
0
25
50
75
100
125
150
TJ = 25°C
VGS = −20 V
8 V
10 V
7 V
6 V
5 V
VDS = VGS
ID = 1 mA
VDS = 20 V
TJ = −55°C
25
°C
100
°C
VGS = 0
ID = 0.25 mA
TJ = 100°C
25
°C
−55
°C
VGS = 15 V
VGS = 10 V
ID = 6 A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com