Electronic Components Datasheet Search
  English  ▼

X  

AM3715 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # AM3715
Description  AM3715/03 Applications Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3715 Datasheet(HTML) 87 Page - Texas Instruments

Back Button AM3715 Datasheet HTML 83Page - Texas Instruments AM3715 Datasheet HTML 84Page - Texas Instruments AM3715 Datasheet HTML 85Page - Texas Instruments AM3715 Datasheet HTML 86Page - Texas Instruments AM3715 Datasheet HTML 87Page - Texas Instruments AM3715 Datasheet HTML 88Page - Texas Instruments AM3715 Datasheet HTML 89Page - Texas Instruments AM3715 Datasheet HTML 90Page - Texas Instruments AM3715 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
Table 2-4. Multiplexing Characteristics (continued)
CBP
CBC
CUS
MODE 0
MODE 1
MODE 2
MODE 3
MODE 4
MODE 5
MODE 6
MODE
7
Bottom
Top
Bottom
Top
AF3
NA
L3
NA
Y2
mmc2_dat6
mmc2_dir_cm cam_shutter
mmc3_dat2 gpio_138
safe_mo
d
de
AE3
NA
K3
NA
AA1
mmc2_dat7
mmc2_clkin
mmc3_dat3 gpio_139
mm3_rxdm
safe_mo
de
AF6
NA
P3
NA
V6
mcbsp3_dx
uart2_cts
gpio_140
safe_mo
de
AE6
NA
N3
NA
V5
mcbsp3_dr
uart2_rts
gpio_141
safe_mo
de
AF5
NA
U3
NA
W4
mcbsp3_clkx
uart2_tx
gpio_142
safe_mo
de
AE5
NA
W3
NA
V4
mcbsp3_fsx
uart2_rx
gpio_143
safe_mo
de
AB26
NA
Y24
NA
NA
uart2_cts
mcbsp3_dx
gpt_9_pwm_evt
gpio_144
safe_mo
de
AB25
NA
AA24
NA
NA
uart2_rts
mcbsp3_dr
gpt_10_pwm_e
gpio_145
safe_mo
vt
de
AA25
NA
AD22
NA
NA
uart2_tx
mcbsp3_clkx
gpt_11_pwm_e
gpio_146
safe_mo
vt
de
AD25
NA
AD21
NA
NA
uart2_rx
mcbsp3_fsx
gpt_8_pwm_evt
gpio_147
safe_mo
de
AA8
NA
L4
NA
W7
uart1_tx
gpio_148
safe_mo
de
AA9
NA
R2
NA
W6
uart1_rts
gpio_149
safe_mo
de
W8
NA
W2
NA
AC2
uart1_cts
gpio_150
safe_mo
de
Y8
NA
H3
NA
V7
uart1_rx
mcbsp1_clkr
mcspi4_clk
gpio_151
safe_mo
de
AE1
NA
V3
NA
NA
mcbsp4_clkx
gpio_152
mm3_txse0 safe_mo
de
AD1
NA
U4
NA
NA
mcbsp4_dr
gpio_153
mm3_rxrcv
safe_mo
de
AD2
NA
R3
NA
NA
mcbsp4_dx
gpio_154
mm3_txdat
safe_mo
de
AC1
NA
T3
NA
NA
mcbsp4_fsx
gpio_155
mm3_txen_ safe_mo
n
de
Y21
NA
U19
NA
W19
mcbsp1_clkr
mcspi4_clk
gpio_156
safe_mo
de
AA21
NA
V17
NA
AB20
mcbsp1_fsr
cam_global_res
gpio_157
safe_mo
et
de
V21
NA
U17
NA
W18
mcbsp1_dx
mcspi4_simo
mcbsp3_dx
gpio_158
safe_mo
de
U21
NA
T20
NA
Y18
mcbsp1_dr
mcspi4_somi
mcbsp3_dr
gpio_159
safe_mo
de
T21
NA
T19
NA
AA18
mcbsp_clks
cam_shutter
gpio_160
uart1_cts
safe_mo
de
K26
NA
P20
NA
AA19
mcbsp1_fsx
mcspi4_cs0
mcbsp3_fsx
gpio_161
safe_mo
de
W21
NA
T17
NA
V18
mcbsp1_clkx
mcbsp3_clkx
gpio_162
safe_mo
de
H18
NA
F23
NA
A23
uart3_cts_rctx
gpio_163
safe_mo
de
H19
NA
F24
NA
B23
uart3_rts_sd
gpio_164
safe_mo
de
H20
NA
H24
NA
B24
uart3_rx_irrx
gpio_165
safe_mo
de
H21
NA
G24
NA
C23
uart3_tx_irtx
gpio_166
safe_mo
de
T28
NA
W19
NA
R21
hsusb0_clk
gpio_120
safe_mo
de
T25
NA
U20
NA
R23
hsusb0_stp
gpio_121
safe_mo
de
R28
NA
V19
NA
P23
hsusb0_dir
gpio_122
safe_mo
de
T26
NA
W18
NA
R22
hsusb0_nxt
gpio_124
safe_mo
de
Copyright
© 2010–2011, Texas Instruments Incorporated
TERMINAL DESCRIPTION
87
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com