| Electronic Components Datasheet Search |
|
AM3715 Datasheet(PDF) 100 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3715 Datasheet(HTML) 100 Page - Texas Instruments |
|
100 / 280 page ![]() AM3715, AM3703 SPRS616F – JUNE 2010 – REVISED AUGUST 2011 www.ti.com 2.5.3 Serial Communication Interfaces For more information, see HDQ/1-Wire / HDQ/1-Wire Environment section of the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4). Table 2-11. Serial Communication Interfaces – HDQ/1-Wire Signals Description SIGNAL DESCRIPTION [2] TYPE [3] BALL BOTTOM BALL BOTTOM BALL BOTTOM NAME [1] (CBP Pkg.) [4] (CBC Pkg.) [4] (CUS Pkg.) [4] hdq_sio Bidirectional HDQ 1-Wire control and data IOD J25 J23 A24 Interface. Output is open drain. For more information, see Multimaster High-Speed I2C Controller / HS I2C Environment section of the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4). Table 2-12. Serial Communication Interfaces – I2C Signals Description SIGNAL NAME DESCRIPTION [2] TYPE [3] BALL BOTTOM BALL BOTTOM BALL BOTTOM [1] (CBP Pkg.) [4] (CBC Pkg.) [4] (CUS Pkg.) [4] INTER-INTEGRATED CIRCUIT INTERFACE (I2C1) i2c1_scl OD K21 J25 K20 I2C Master Serial clock. Output is open drain. i2c1_sda IOD J21 J24 K21 I2C Serial Bidirectional Data. Output is open drain. INTER-INTEGRATED CIRCUIT INTERFACE (I2C3) i2c3_scl OD AF14 AB4 AC13 I2C Master Serial clock. Output is open drain. i2c3_sda IOD AG14 AC4 AC12 I2C Serial Bidirectional Data. Output is open drain. i2c3_sccbe Serial Camera Control Bus Enable OD J25 J23 A24 INTER-INTEGRATED CIRCUIT INTERFACE (I2C2) i2c2_scl OD AF15 C2 AC15 I2C Master Serial clock. Output is open drain. i2c2_sda IOD AE15 C1 AC14 I2C Serial Bidirectional Data. Output is open drain. i2c2_sccbe Serial Camera Control Bus Enable OD J25 J23 A24 For more information, see Power Reset and Clock Management / PRCM Introduction to Power Management / SmartReflex Voltage-Control Overview section of the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4). Table 2-13. Serial Communication Interfaces – SmartReflex Signals Description(1) SIGNAL NAME DESCRIPTION [2] TYPE [3] BALL BOTTOM BALL BOTTOM BALL BOTTOM [1] (CBP Pkg.) [4] (CBC Pkg.) [4] (CUS Pkg.) [4] INTER-INTEGRATED CIRCUIT INTERFACE (I2C4) i2c4_scl OD AD26 AD15 Y16 I2C Master Serial clock. Output is open drain. i2c4_sda IOD AE26 W16 Y15 I2C Serial Bidirectional Data. Output is open drain. (1) For more information on SmartReflex voltage control, see the PRCM chapter of the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4). For more information, see Multi-Channel Buffered Serial Port / McBSP Environment section of the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4). Table 2-14. Serial Communication Interfaces – McBSP LP Signals Description SIGNAL NAME DESCRIPTION [2] TYPE [3] BALL BOTTOM BALL BOTTOM BALL BOTTOM [1] (CBP Pkg.) [4] (CBC Pkg.) [4] (CUS Pkg.) [4] MULTICHANNEL SERIAL (McBSP LP 1) 100 TERMINAL DESCRIPTION Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM3715 AM3703 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |