| Electronic Components Datasheet Search |
|
AM3715 Datasheet(PDF) 104 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3715 Datasheet(HTML) 104 Page - Texas Instruments |
|
104 / 280 page ![]() AM3715, AM3703 SPRS616F – JUNE 2010 – REVISED AUGUST 2011 www.ti.com Table 2-17. Serial Communication Interfaces – USB Signals DescriptionSection 4.3.6 (continued) SIGNAL NAME DESCRIPTION [2] TYPE BALL BOTTOM BALL BOTTOM BALL BOTTOM [1] [3] (CBP Pkg.) [4] (CBC Pkg.) [4] (CUS Pkg.) [4] hsusb2_data7 Dedicated for external transceiver Bidirectional data bus IO AA3 W7 N5 additional signals for 12-pin ULPI operation HSUSB1 hsusb1_clk Dedicated for external transceiver 60-MHz clock input to PHY O AE10 AB3 AD3 hsusb1_stp Dedicated for external transceiver Stop signal O AF10 AB2 AC1 hsusb1_dir Dedicated for external transceiver data direction control from I AF9 AA4 AC4 PHY hsusb1_nxt Dedicated for external transceiver Next signal from PHY I AG9 V2 AD5 hsusb1_data0 Dedicated for external transceiver Bidirectional data bus IO AF11 AC3 AD6 hsusb1_data1 Dedicated for external transceiver Bidirectional data bus IO AG12 AD4 AC6 hsusb1_data2 Dedicated for external transceiver Bidirectional data bus IO AH12 AD3 AC7 hsusb1_data3 Dedicated for external transceiver Bidirectional data bus IO AH14 AD2 AD9 hsusb1_data4 Dedicated for external transceiver Bidirectional data bus IO AE11 Y3 AC5 additional signals for 12-pin ULPI operation hsusb1_data5 Dedicated for external transceiver Bidirectional data bus IO AH9 AB1 AD2 additional signals for 12-pin ULPI operation hsusb1_data6 Dedicated for external transceiver Bidirectional data bus IO AF13 AE3 AC8 additional signals for 12-pin ULPI operation hsusb1_data7 Dedicated for external transceiver Bidirectional data bus IO AE13 AA3 AD8 additional signals for 12-pin ULPI operation • NA in this table stands for "Not applicable". • This pin is not supported on the CUS package. 104 TERMINAL DESCRIPTION Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM3715 AM3703 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |