Electronic Components Datasheet Search
  English  ▼

X  

AM3715 Datasheet(PDF) 171 Page - Texas Instruments

Click here to check the latest version.
Part # AM3715
Description  AM3715/03 Applications Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3715 Datasheet(HTML) 171 Page - Texas Instruments

Back Button AM3715 Datasheet HTML 167Page - Texas Instruments AM3715 Datasheet HTML 168Page - Texas Instruments AM3715 Datasheet HTML 169Page - Texas Instruments AM3715 Datasheet HTML 170Page - Texas Instruments AM3715 Datasheet HTML 171Page - Texas Instruments AM3715 Datasheet HTML 172Page - Texas Instruments AM3715 Datasheet HTML 173Page - Texas Instruments AM3715 Datasheet HTML 174Page - Texas Instruments AM3715 Datasheet HTML 175Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
Table 6-8. GPMC/NOR Flash Switching Characteristics
—Asynchronous Mode(16) (continued)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
FA16
tw(aIV)
Pulse durationm output address gpmc_a[26:1]
G(7)
G(7)
ns
invalid between 2 successive R/W accesses
FA18
td(ncsV-noeIV)
Delay time, output chip select gpmc_ncsx(13)
I(8)
– 0.2
I(8) + 2.0
I(8)
– 0.2
I(8) + 2.6
ns
valid to output enable gpmc_noe invalid (Burst
read)
FA20
tw(aV)
Pulse duration, output address gpmc_a[27:1]
D(4)
D(4)
ns
valid
– 2nd, 3rd, and 4th accesses
FA25
td(ncsV-nweV)
Delay time, output chip select gpmc_ncsx(13)
E(5)
– 0.2
E(5) + 2.0
E(5)
– 0.2
E(5) + 2.6
ns
valid to output write enable gpmc_nwe valid
FA27
td(ncsV-nweIV)
Delay time, output chip select gpmc_ncsx(13)
F(6)
– 0.2
F(6) + 2.0
F(6)
– 0.2
F(6) + 2.6
ns
valid to output write enable gpmc_nwe invalid
FA28
td(nweV-dV)
Delay time, output write enable gpmc_ nwe
2.0
2.6
ns
valid to output data gpmc_d[15:0] valid
FA29
td(dV-ncsV)
Delay time, output data gpmc_d[15:0] valid to
J(9)
– 0.2
J(9) + 2.0
J(9)
– 0.2
J(9) + 2.6
ns
output chip select gpmc_ncsx(13) valid
FA37
td(noeV-aIV)
Delay time, output enable gpmc_noe valid to
2.0
2.6
ns
output address gpmc_a[16:1]_d[15:0] phase
end
(1) For single read: A = (CSRdOffTime
– CSOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK(15)
For single write: A = (CSWrOffTime
– CSOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK(15)
For burst read: A = (CSRdOffTime
– CSOnTime + (n – 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK(15)
For burst write: A = (CSWrOffTime
– CSOnTime + (n – 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK(15)
with n being the page burst access number
(2) For reading: B = ((ADVRdOffTime
– CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay – CSExtraDelay)) *
GPMC_FCLK(15)
For writing: B = ((ADVWrOffTime
– CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay – CSExtraDelay)) *
GPMC_FCLK(15)
(3) C = ((OEOffTime
– CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay – CSExtraDelay)) * GPMC_FCLK(15)
(4) D = PageBurstAccessTime * (TimeParaGranularity + 1) * GPMC_FCLK(15)
(5) E = ((WEOnTime
– CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay – CSExtraDelay)) * GPMC_FCLK(15)
(6) F = ((WEOffTime
– CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay – CSExtraDelay)) * GPMC_FCLK(15)
(7) G = Cycle2CycleDelay * GPMC_FCLK(15)
(8) I = ((OEOffTime + (n
– 1) * PageBurstAccessTime – CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay – CSExtraDelay)) *
GPMC_FCLK(15)
(9) J = (CSOnTime * (TimeParaGranularity + 1) + 0.5 * CSExtraDelay) * GPMC_FCLK(15)
(10) K = ((ADVOnTime
– CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay – CSExtraDelay)) * GPMC_FCLK(15)
(11) L = ((OEOnTime
– CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay – CSExtraDelay)) * GPMC_FCLK(15)
(12) For single read: N = RdCycleTime * (TimeParaGranularity + 1) * GPMC_FCLK(15)
For single write: N = WrCycleTime * (TimeParaGranularity + 1) * GPMC_FCLK(15)
For burst read: N = (RdCycleTime + (n
– 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK(15)
For burst write: N = (WrCycleTime + (n
– 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK(15)
(13) In gpmc_ncsx, x is equal to 0, 1, 2, 3, 4, 5, 6, or 7.
(14) M = ((RdCycleTime
– CSOnTime) * (TimeParaGranularity + 1) – 0.5 * CSExtraDelay) * GPMC_FCLK(15)
Above M parameter expression is given as one example of GPMC programming. IO DIR signal will go from IN to OUT after both
RdCycleTime and BusTurnAround completion. Behavior of IO direction signal does depend on kind of successive Read/Write accesses
performed to Memory and multiplexed or nonmultiplexed memory addressing scheme, bus keeping feature enabled or not. IO DIR
behaviour is automatically handled by GPMC controller. For a full description of the gpmc_io_dir feature, see the AM/DM37x Multimedia
Device Technical Reference Manual (literature number SPRUGN4).
(15) GPMC_FCLK is general-purpose memory controller internal functional clock period in ns.
(16) See Section 4.3.4, Processor Clocks.
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
171
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com