Electronic Components Datasheet Search
  English  ▼

X  

BQ76PL536PAP Datasheet(PDF) 16 Page - Texas Instruments

Part # BQ76PL536PAP
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ76PL536PAP Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ76PL536PAP Datasheet HTML 12Page - Texas Instruments BQ76PL536PAP Datasheet HTML 13Page - Texas Instruments BQ76PL536PAP Datasheet HTML 14Page - Texas Instruments BQ76PL536PAP Datasheet HTML 15Page - Texas Instruments BQ76PL536PAP Datasheet HTML 16Page - Texas Instruments BQ76PL536PAP Datasheet HTML 17Page - Texas Instruments BQ76PL536PAP Datasheet HTML 18Page - Texas Instruments BQ76PL536PAP Datasheet HTML 19Page - Texas Instruments BQ76PL536PAP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
470 nF
RTH
RT
RB
REG50
TS+
TS–
RB =.4 (RTH @ 40C – RTH@ 90C)
RT = RTH@ 40C – 2RTH @90C – RB
bq76PL536
SLUSA08A – DECEMBER 2009 – REVISED JULY 2010
www.ti.com
Figure 5. Thermistor Connection
Converting TSn Result to Voltage (Ratio)
To convert the returned TSn measurement value to a ratio, RTS = VTS:REG50, the following formula is used.
ADC behavior: COUNT = VTS / REG50 × 33,104
RTS = (REGMSB × 256 + REGLSB) / 16,548
FUNCTION_CONFIG[] = 0100 xxxxb
Example:
The voltage connected to the TSn inputs (TSn+ – TSn–) == 0.6609 V; VREG50 ≈ 5 V nominal
After conversion, REGMSB == 0x11; REGLSB == 0x18
ACTUAL_COUNT = 0x11 × 0x100 + 0x18 = 0x1118 (4376)
4376 / 33,104 = 0.1322 (ratio of TSn inputs to REG50)
0.1322 × REG50 = 0.6609 V
ADC Band-Gap Voltage Reference
The ADC and protection subsystems use separate and independent internal voltage references. The ADC
bandgap (VREF) is nominally 2.5 V. The reference is temperature-compensated and stable.
The internal reference is brought out to the VREF pin for bypassing. A high quality 10-mF capacitor should be
connected between the VREF and AGND pins, in close physical proximity to the device pins, using short track
lengths to minimize the effects of track inductance on signal quality. AGND should be connected to VSS. Device
VSS connections should be brought to a single point close to the IC to minimize layout-induced errors. The
device tab should also be connected to this point, and is a convenient common VSS location. The internal VREF
should not be used externally to the device by user circuits.
Conversion Control
Convert Start
Two methods are available to start a conversion cycle. The CONV_H pin may be asserted, or firmware may set
the CONVERT_CTRL[CONV] bit.
Hardware Start
A single interface pin (CONV_H) is used for conversion-start control by the host. A conversion cycle is started by
a hardware signal when the CONV_H is transitioned low-to-high by the host. The host should hold this state until
the conversion cycle is complete to avoid erroneous edges causing a conversion start when the present
conversion is not complete. The signal is simultaneously sent to the higher device in the stack by the assertion of
the CONV_N signal. The bq76PL536 automatically sequences through the series of measurements enabled via
the ADC_CONTROL[] register after a convert-start signal is received from either the register bit or the hardware
pin.
16
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :bq76PL536



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com