Electronic Components Datasheet Search
  English  ▼

X  

TPD6F202 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPD6F202
Description  FOUR-,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD6F202 Datasheet(HTML) 2 Page - Texas Instruments

  TPD6F202 Datasheet HTML 1Page - Texas Instruments TPD6F202 Datasheet HTML 2Page - Texas Instruments TPD6F202 Datasheet HTML 3Page - Texas Instruments TPD6F202 Datasheet HTML 4Page - Texas Instruments TPD6F202 Datasheet HTML 5Page - Texas Instruments TPD6F202 Datasheet HTML 6Page - Texas Instruments TPD6F202 Datasheet HTML 7Page - Texas Instruments TPD6F202 Datasheet HTML 8Page - Texas Instruments TPD6F202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TPD4F202, TPD6F202
SLLS800 – JUNE 2010
www.ti.com
DESCRIPTION
The TPDxF202 are four, six-channel EMI filters, designed particularly to suppress EMI noise in the cell phone
and other portable applications. These low-pass filters also protect internal core citcuity against system level
ESD strikes at the external interface pins. The pi-style C-R-C filter provides symmetric filter performance in the
data lines to/ from either side of the filter.
Due to tiny package parasitics of the WCSP package, the TPDxF202 series of filters provide excellent signal
attenuation (-40dB at 1GHz) at the typical cell-phone carrier frequency ranges.
The ultra thin (0.3-mm package height, when mounted on board) space saving YFU package enables the
TPDxF202 devices to mount on the printed circuit boards where the height is a key constraint.
The TPDxF202 devices offer very robust system level ESD protection specifications at both input and output
ports, which eliminates the need for any additional ESD clamp diodes at the external interface pins.
The TPDxF202 devices are specified for –40°C to 85°C operation.
EQUIVALENT SCHEMATIC REPRESENTATION
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPD4F202, TPD6F202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com