Electronic Components Datasheet Search
  English  ▼

X  

TPD6F202 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPD6F202
Description  FOUR-,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD6F202 Datasheet(HTML) 3 Page - Texas Instruments

  TPD6F202 Datasheet HTML 1Page - Texas Instruments TPD6F202 Datasheet HTML 2Page - Texas Instruments TPD6F202 Datasheet HTML 3Page - Texas Instruments TPD6F202 Datasheet HTML 4Page - Texas Instruments TPD6F202 Datasheet HTML 5Page - Texas Instruments TPD6F202 Datasheet HTML 6Page - Texas Instruments TPD6F202 Datasheet HTML 7Page - Texas Instruments TPD6F202 Datasheet HTML 8Page - Texas Instruments TPD6F202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TPD4F202, TPD6F202
www.ti.com
SLLS800 – JUNE 2010
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIO
IO to GND
6
V
Continuous power dissipation (TA = 70°C)
100
mW
Tstg
Storage temperature range
–65
150
°C
TJ
Junction temperature
150
°C
Lead temperature (soldering, 10 s)
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
TA = –40°C to 85°C (Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VBR
DC breakdown voltage
IIO = 10 mA
6
V
R
Resistance
85
100
115
Ω
C
Capacitance (C1 or C2)
VIO = 3.3 V
15
pF
IIO
Channel leakage current
VIO = 3.3 V
10
nA
fC
Cut-off frequency
ZSOURCE = 50 Ω, ZLOAD = 50 Ω
108
MHz
(1)
Typical values are at TA = 25°C.
ESD PROTECTION
PARAMETER
TYP
UNIT
HBM
±15
kV
IEC 61000-4-2 Contact Discharge
±25
kV
IEC 61000-4-2 Air-Gap Discharge
±25
kV
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPD4F202, TPD6F202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com