Electronic Components Datasheet Search
  English  ▼

X  

LMZ12003 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMZ12003
Description  3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ12003 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMZ12003 Datasheet HTML 1Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 2Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 3Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 4Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 5Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 6Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 7Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 8Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Pin
Name
Description
6
FB
Feedback — Internally connected to the regulation, over-voltage, and short-circuit comparators. The regulation
reference point is 0.8V at this input pin. Connected the feedback resistor divider between the output and ground to set
the output voltage.
7
VOUT Output Voltage — Output from the internal inductor. Connect the output capacitor between this pin and exposed pad.
EP
EP
Exposed Pad — Internally connected to pin 4. Used to dissipate heat from the package during operation. Must be
electrically connected to pin 4 external to the package.
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com