Electronic Components Datasheet Search
  English  ▼

X  

LMZ12003 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMZ12003
Description  3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ12003 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMZ12003 Datasheet HTML 8Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 9Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 10Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 11Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 12Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 13Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 14Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 15Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Evaluation Board Schematic Diagram
30109007
Ref Des
Description
Case Size
Case Size
Manufacturer P/N
U1
SIMPLE SWITCHER ®
TO-PMOD-7
National Semiconductor
LMZ12003 TZ
C
in1
1 µF, 50V, X7R
1206
Taiyo Yuden
UMK316B7105KL-T
C
in2
10 µF, 50V, X7R
1210
Taiyo Yuden
UMK325BJ106MM-T
C
O1
1 µF, 50V, X7R
1206
Taiyo Yuden
'UMK316B7105KL-T
C
O2
100 µF, 6.3V, X7R
1210
Taiyo Yuden
JMK325BJ10CR7MM-T
R
FBT
1.37 k
Ω
0603
Vishay Dale
CRCW06031K37FKEA
R
FBB
1.07 k
Ω
0603
Vishay Dale
CRCW06031K07FKEA
R
ON
32.4 k
Ω
0603
Vishay Dale
CRCW060332K4FKEA
R
ENT
32.4 k
Ω
0603
Vishay Dale
CRCW060332K4FKEA
R
ENB
11.8 k
Ω
0603
Vishay Dale
CRCW060311k8FKEA
C
FF
22 nF, ±10%, X7R, 16V
0603
TDK
C1608X7R1H223K
C
SS
22 nF, ±10%, X7R, 16V
0603
TDK
C1608X7R1H223K
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com