Electronic Components Datasheet Search
  English  ▼

X  

MAX3243CPWRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3243CPWRG4
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH - 15-kV ESD (HBM) PROTECTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3243CPWRG4 Datasheet(HTML) 3 Page - Texas Instruments

  MAX3243CPWRG4 Datasheet HTML 1Page - Texas Instruments MAX3243CPWRG4 Datasheet HTML 2Page - Texas Instruments MAX3243CPWRG4 Datasheet HTML 3Page - Texas Instruments MAX3243CPWRG4 Datasheet HTML 4Page - Texas Instruments MAX3243CPWRG4 Datasheet HTML 5Page - Texas Instruments MAX3243CPWRG4 Datasheet HTML 6Page - Texas Instruments MAX3243CPWRG4 Datasheet HTML 7Page - Texas Instruments MAX3243CPWRG4 Datasheet HTML 8Page - Texas Instruments MAX3243CPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MAX3243
3V TO 5.5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD (HBM) PROTECTION
SLLS350L − APRIL 1999 − REVISED MARCH 2004
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
EACH RECEIVER
INPUTS
OUTPUTS
RIN2
RIN1,
RIN3−RIN5
FORCEOFF
VALID RIN
RS-232 LEVEL
ROUT2B
ROUT
RECEIVER STATUS
L
X
L
X
L
Z
Powered off while
H
XL
X
H
Z
Powered off while
ROUT2B is active
L
L
H
Yes
L
H
L
HH
Yes
L
L
Normal operation with
H
LH
Yes
H
H
Normal operation with
auto-powerdown
disabled/enabled
H
HH
Yes
H
L
auto-powerdown
disabled/enabled
Open
Open
H
No
L
H
H = high level, L = low level, X = irrelevant, Z = high impedance (off), Open = input disconnected or connected
driver off
logic diagram (positive logic)
DIN3
DIN2
DIN1
DOUT3
DOUT2
DOUT1
Auto-powerdown
INVALID
RIN1
RIN2
RIN3
RIN4
RIN5
FORCEOFF
FORCEON
ROUT1
ROUT2B
ROUT2
ROUT3
ROUT4
ROUT5
14
13
12
22
23
19
20
18
17
16
15
9
10
11
21
4
5
6
7
8
5 k
5 k
5 k
5 k
5 k
Ω
Ω
Ω
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com