Electronic Components Datasheet Search
  English  ▼

X  

MAX3243CPWRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3243CPWRG4
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH - 15-kV ESD (HBM) PROTECTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3243CPWRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button MAX3243CPWRG4 Datasheet HTML 3Page - Texas Instruments MAX3243CPWRG4 Datasheet HTML 4Page - Texas Instruments MAX3243CPWRG4 Datasheet HTML 5Page - Texas Instruments MAX3243CPWRG4 Datasheet HTML 6Page - Texas Instruments MAX3243CPWRG4 Datasheet HTML 7Page - Texas Instruments MAX3243CPWRG4 Datasheet HTML 8Page - Texas Instruments MAX3243CPWRG4 Datasheet HTML 9Page - Texas Instruments MAX3243CPWRG4 Datasheet HTML 10Page - Texas Instruments MAX3243CPWRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MAX3243
3V TO 5.5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD (HBM) PROTECTION
SLLS350L − APRIL 1999 − REVISED MARCH 2004
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AUTO-POWERDOWN SECTION
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 5)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VT+(valid)
Receiver input threshold
for INVALID high-level output voltage
FORCEON = GND,
FORCEOFF = VCC
2.7
V
VT−(valid)
Receiver input threshold
for INVALID high-level output voltage
FORCEON = GND,
FORCEOFF = VCC
−2.7
V
VT(invalid)
Receiver input threshold
for INVALID low-level output voltage
FORCEON = GND,
FORCEOFF = VCC
−0.3
0.3
V
VOH
INVALID high-level output voltage
IOH = −1 mA, FORCEON = GND,
FORCEOFF = VCC
VCC−0.6
V
VOL
INVALID low-level output voltage
IOL = 1.6 mA, FORCEON = GND,
FORCEOFF = VCC
0.4
V
† All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 5)
PARAMETER
MIN
TYP†
MAX
UNIT
tvalid
Propagation delay time, low- to high-level output
1
µs
tinvalid
Propagation delay time, high- to low-level output
30
µs
ten
Supply enable time
100
µs
† All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
PARAMETER MEASUREMENT INFORMATION
50
Ω
TEST CIRCUIT
VOLTAGE WAVEFORMS
−3 V
−3 V
3 V
3 V
0 V
3 V
Output
Input
VOL
VOH
tTLH
Generator
(see Note B)
RL
3 V
FORCEOFF
RS-232
Output
tTHL
CL
(see Note A)
SR(tr)
+
6V
t
THL or tTLH
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: PRR = 250 kbit/s, ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
Figure 1. Driver Slew Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com